전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVCF162835DL 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74ALVCF162835DL
상세설명  3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCF162835DL 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74ALVCF162835DL Datasheet HTML 4Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 5Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 6Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 7Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 8Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 9Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 10Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 11Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TAPE AND REEL BOX INFORMATION
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74ALVCF162835GR
DGG
56
SITE 41
330
24
8.6
15.6
1.8
12
24
Q1
SN74ALVCF162835LR
DL
56
SITE 41
330
32
11.35
18.67
3.1
16
32
Q1
SN74ALVCF162835VR
DGV
56
SITE 41
330
24
6.8
10.1
1.6
12
24
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Oct-2007
Pack Materials-Page 1


유사한 부품 번호 - SN74ALVCF162835DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCF162835DL TI-SN74ALVCF162835DL Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162835DLR TI-SN74ALVCF162835DLR Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVCF162835DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com