전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCF162835GRE4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 74ALVCF162835GRE4
상세설명  3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74ALVCF162835GRE4 데이터시트(HTML) 4 Page - Texas Instruments

  74ALVCF162835GRE4 Datasheet HTML 1Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 2Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 3Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCF162835GRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74ALVCF162835
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES397A – JULY 2002 – REVISED AUGUST 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -0.1 mA
2.3 V to 3.6 V
VCC - 0.2
IOH = -6 mA
1.9
2.3 V
IOH = -8 mA
1.7
VOH
IOH = -6 mA
2.2
V
2.7 V
IOH = -12 mA
2
IOH = -8 mA
2.4
3 V
IOH = -18 mA
2
IOL = 0.1 mA
2.3 V to 3.6 V
0.2
IOL = 6 mA
0.4
2.3 V
IOL = 8 mA
0.55
VOL
IOL = 6 mA
0.4
V
2.7 V
IOL = 12 mA
0.6
IOL = 8 mA
0.55
3 V
IOL = 18 mA
0.8
VIK
VCC = 2.3 V,
II = -18 mA
3.6 V
-1.2
V
Vhys
VCC = 3.6 V
3.6 V
100
mV
II
VI = VCC or GND
3.6 V
±5
µA
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
0.1
40
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Inputs
VI = 0 V
3.3 V
3.5
pF
Co
Outputs
VO = 0 V
3.3 V
4.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 and Figure 2)
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
MHz
LE high
3.3
3.3
3.3
tw
Pulse duration
ns
CLK high or low
3.3
3.3
3.3
Data before CLK
1.8
1.5
1
tsu
Setup time
CLK high
1.9
1.6
1.5
ns
Data before LE
CLK low
1.3
1.1
1
Data after CLK
0.6
0.6
0.6
th
Hold time
ns
Data after LE
CLK high or low
1.4
1.7
1.4
4


유사한 부품 번호 - 74ALVCF162835GRE4

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
logo
Renesas Technology Corp
74ALVCF162835APA RENESAS-74ALVCF162835APA Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APAG RENESAS-74ALVCF162835APAG Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APF RENESAS-74ALVCF162835APF Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
74ALVCF162835APFG RENESAS-74ALVCF162835APFG Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
More results

유사한 설명 - 74ALVCF162835GRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com