전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

MAC97A8 데이터시트(Datasheet) 8 Page - WeEn Semiconductors

부품명 MAC97A8
상세내용  4Q Triac
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WEEN [WeEn Semiconductors]
홈페이지  http://www.ween-semi.com
Logo 

 
 8 page
background image
WeEn Semiconductors
MAC97A8
4Q Triac
MAC97A8
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
15 September 2018
8 / 12
Tj (°C)
-60
140
90
-10
40
003aaa039
0.8
0.4
1.2
1.6
0
VGT(25°C)
VGT
Fig. 11. Normalized gate trigger voltage as a function of junction temperature
003aaa034
Tj (°C)
0
125
100
50
75
25
102
10
103
dVD/dt
(V/µs)
1
Fig. 12. Critical rate of rise of off-state voltage as a function of junction temperature; typical values




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl