전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TB100 데이터시트(PDF) 4 Page - WeEn Semiconductors

부품명 TB100
상세설명  NPN power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEEN [WeEn Semiconductors]
홈페이지  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

TB100 데이터시트(HTML) 4 Page - WeEn Semiconductors

  TB100 Datasheet HTML 1Page - WeEn Semiconductors TB100 Datasheet HTML 2Page - WeEn Semiconductors TB100 Datasheet HTML 3Page - WeEn Semiconductors TB100 Datasheet HTML 4Page - WeEn Semiconductors TB100 Datasheet HTML 5Page - WeEn Semiconductors TB100 Datasheet HTML 6Page - WeEn Semiconductors TB100 Datasheet HTML 7Page - WeEn Semiconductors TB100 Datasheet HTML 8Page - WeEn Semiconductors TB100 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
WeEn Semiconductors
TB100
NPN power transistor
TB100
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2016. All rights reserved
Product data sheet
30 September 2016
4 / 10
8. Thermal characteristics
Table 5. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-lead)
thermal resistance
from junction to lead
-
-
60
K/W
Rth(j-a)
thermal resistance
from junction to
ambient free air
printed circuit board mounted; lead
length = 4 mm; Fig. 2
-
150
-
K/W
aaa-010123
1
102
10-1
10
Zth(j-lead)
(K/W)
10-2
tp (s)
10-5
1
10
10-1
10-2
10-4
10-3
tp
tp
T
P
t
T
d =
Fig. 2. Transient thermal impedance from junction to lead as a function of pulse width


유사한 부품 번호 - TB100

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
TB100-04SP COOPER-TB100-04SP Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
Amphenol Corporation
TB100-HDB10P-BAC AMPHENOL-TB100-HDB10P-BAC Datasheet
302Kb / 8P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
TB100-HDB5P-BAC AMPHENOL-TB100-HDB5P-BAC Datasheet
302Kb / 8P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package.
More results

유사한 설명 - TB100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com