전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TOPT12-800C0 데이터시트(PDF) 2 Page - WeEn Semiconductors

부품명 TOPT12-800C0
상세설명  TOPTriac
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEEN [WeEn Semiconductors]
홈페이지  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

TOPT12-800C0 데이터시트(HTML) 2 Page - WeEn Semiconductors

  TOPT12-800C0 Datasheet HTML 1Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 2Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 3Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 4Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 5Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 6Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 7Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 8Page - WeEn Semiconductors TOPT12-800C0 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
WeEn Semiconductors
TOPT12-800C0
TOPTriac
TOPT12-800C0
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
22 August 2018
2 / 18
5. Pinning information
6. Ordering information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CM
common
12 3
mb
2
LD
load
3
G
gate
mb
LD
mounting base; load
Type number
Package
Name
Description
Version
TOPT12-800C0
TO-220AB Plastic single-ended package;heatsink mounted;1 mounting
hole; 3 leads TO-220AB
SOT78
Table 3. Ordering information
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD = 12 V; IT = 100 mA; LD+ G-;
Tj = 25 °C; Fig. 7
5
-
35
mA
VD = 12 V; IT = 100 mA; LD- G-;
Tj = 25 °C; Fig. 7
5
-
35
mA
IH
holding current
VD = 12 V; Tj = 25 °C; Fig. 9
-
-
35
mA
VT
on-state voltage
IT = 15 A; Tj = 25 °C; Fig. 10
-
1.3
1.6
V
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 536 V; Tj = 125 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit
500
-
-
V/μs
dIcom/dt
rate of change of
commutating current
VD = 400 V; IT(RMS) = 12 A; dVcom/
dt = 20 V/μs; (snubberless condition);
gate open circuit
20
-
-
A/ms
7. Marking
Type number
Marking Code
TOPT12-800C0
TOPT12-800C0
Table 4. Marking codes


유사한 부품 번호 - TOPT12-800C0

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
TOPT16-800C0 WEEN-TOPT16-800C0 Datasheet
619Kb / 18P
   TOPTriac
More results

유사한 설명 - TOPT12-800C0

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
TOPT16-800C0 WEEN-TOPT16-800C0 Datasheet
619Kb / 18P
   TOPTriac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com