전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTQ2533W 데이터시트(PDF) 7 Page - Richtek Technology Corporation

부품명 RTQ2533W
상세설명  3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2533W 데이터시트(HTML) 7 Page - Richtek Technology Corporation

Back Button RTQ2533W Datasheet HTML 3Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 4Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 5Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 6Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 7Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 8Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 9Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 10Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RTQ2533W
7
DSQ2533W-00 April 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C on a high effective-thermal-conductivity four-layer test
board in size of 70mm x 50mm with 1oz copper thickness.
θJC is measured at the exposed pad of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
VOUT(TARGET) is the expected VOUT value set by the external feedback resistors. The 50
Ω load is disconnected when the
test conditions specify an IOUT value.
Note 6.
External resistor tolerance is not taken into account.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Thermal Shutdown
Threshold
TSD
Temperature increasing
--
160
--
°C
Temperature decreasing
--
140
--


유사한 부품 번호 - RTQ2533W

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
More results

유사한 설명 - RTQ2533W

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com