전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LM2068R-1 데이터시트(Datasheet) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

부품명 LM2068R-1
상세내용  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
홈페이지  http://www.topwaysz.com/en/home.php
Logo 

 
 3 page
background image
TOPWAY
LCD Module User Manual
LM2068R-1
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068R-1-Manual-Rev0.1.DOC
Page: 3 of 12
1. Basic Specifications
1.1
Display Specifications
1) LCD Display Mode
: FSTN, Positive, Transflective
2) Display Color
: Display Data = “1” : Dark Gray (*1)
: Display Data = “0” : Light Gray (*2)
3) Viewing Angle
: 9 H
4) Driving Method
: 1/240 duty, 1/12 bias
5) Backlight
: White LED
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
*3.
Fine Contrast adjustment function is necessary in the application design for optimal display result.
1.2
Mechanical Specifications
1) Outline Dimension
: 99.5 x 71.75 x 10.4 (exclude FFC terminal)
see attached Outline Drawing for details
1.3
Block Diagram
320 x 240 pixels
LCD Panel
SEG Driver
VOUT
VDD, VSS, V0
Power
& Booster
Circuit
/WR, /RD, /CS, RS, /RST
DB0~DB7
BUSY
RA8803 or equivalent
BLA
BLK
Backlight Circuit
SEG Driver




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl