전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-19212BA5A-M5T1U 데이터시트(PDF) 22 Page - ABLIC Inc.

부품명 S-19212BA5A-M5T1U
상세설명  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19212BA5A-M5T1U 데이터시트(HTML) 22 Page - ABLIC Inc.

Back Button S-19212BA5A-M5T1U Datasheet HTML 18Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 19Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 21Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 22Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 23Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 24Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 25Page - ABLIC Inc. S-19212BA5A-M5T1U Datasheet HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
S-19212B/DxxA Series
Rev.5.3_00
22
7. Current consumption during operation vs. Input voltage (When ON / OFF pin is ON, no load)
7. 1 VOUT = 2.5 V
7. 2 VOUT = 5.0 V
6
12
1824
3036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
6
12
1824
3036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
7. 3 VOUT = 16.0 V
6
12
1824
3036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
8. Current consumption during operation vs. Junction temperature
8. 1 VOUT = 2.5 V
VIN = 18.0 V
8. 2 VOUT = 5.0 V
VIN = 18.0 V
25
50
75
100
125
150
0
10.0
0.0
Tj [
°C]
8.0
6.0
4.0
2.0
25
50
75
100
125
150
0
10.0
0.0
Tj [
°C]
8.0
6.0
4.0
2.0
8. 3 VOUT = 16.0 V
VIN = 18.0 V
25
50
75
100
125
150
0
10.0
0.0
Tj [
°C]
8.0
6.0
4.0
2.0


유사한 부품 번호 - S-19212BA5A-M5T1U

제조업체부품명데이터시트상세설명
logo
Seiko Instruments Inc
S-19212BA5A-M5T1U SII-S-19212BA5A-M5T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212BA5A-M5T1U SII-S-19212BA5A-M5T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

유사한 설명 - S-19212BA5A-M5T1U

제조업체부품명데이터시트상세설명
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com