전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLW31SN102SQ2 데이터시트(PDF) 8 Page - Murata Manufacturing Co., Ltd.

부품명 DLW31SN102SQ2
상세설명  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW31SN102SQ2 데이터시트(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button DLW31SN102SQ2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DLW31SN102SQ2 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
20
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
s Impedance-Frequency (Typical)
BLM03 Series
0
100
200
300
400
500
1
10
100
1000
3000
Frequency (MHz)
BLM03AG700SN1
BLM03AG121SN1
BLM03AG100SN1
BLM03AG241SN1
s Impedance-Frequency Characteristics
BLM03AG100SN1
1
10
100
1000
3000
Frequency (MHz)
0
5
10
15
20
R
X
Z
BLM03AG700SN1
Frequency (MHz)
0
20
40
60
80
100
120
R
X
Z
1
10
100
1000
3000
BLM03AG121SN1
0
40
80
120
160
200
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
BLM03AG241SN1
Frequency (MHz)
0
100
200
300
400
500
R
X
Z
1
10
100
1000
3000
BLM15A Series (0402 Size)
(in mm)
0.5
±0.05
1.0
±0.05
0.25
±0.1
BLM15A Series
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


유사한 부품 번호 - DLW31SN102SQ2

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLW31SN102SQ2 MURATA-DLW31SN102SQ2 Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
DLW31SN102SQ2 MURATA1-DLW31SN102SQ2 Datasheet
343Kb / 3P
   DLW31S realizes small size and low profile.
Last updated07/26/2022
DLW31SN102SQ2B MURATA1-DLW31SN102SQ2B Datasheet
343Kb / 3P
   DLW31S realizes small size and low profile.
Last updated07/26/2022
DLW31SN102SQ2B MURATA1-DLW31SN102SQ2B Datasheet
343Kb / 3P
   DLW31S realizes small size and low profile.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW31SN102SQ2L MURATA-DLW31SN102SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
More results

유사한 설명 - DLW31SN102SQ2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com