전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP31DN900ML4 데이터시트(PDF) 10 Page - Murata Manufacturing Co., Ltd.

부품명 DLP31DN900ML4
상세설명  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP31DN900ML4 데이터시트(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button DLP31DN900ML4 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
22
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Impedance-Frequency Characteristics
BLM15AG601SN1
0
200
400
600
800
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG102SN1
Z
R
X
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
BLM18A Series (0603 Size)
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
BLM18A Series
Part Number
Impedance
(at 100MHz/20
°C)
(ohm)
Rated Current
(mA)
DC Resistance (max.)
(ohm)
Operating
Temperature Range
(
°C)
BLM18AG121SN1
120
±25%
200
0.20
-55 to +125
BLM18AG151SN1
150
±25%
200
0.25
-55 to +125
BLM18AG221SN1
220
±25%
200
0.30
-55 to +125
BLM18AG331SN1
330
±25%
200
0.45
-55 to +125
BLM18AG471SN1
470
±25%
200
0.50
-55 to +125
BLM18AG601SN1
600
±25%
200
0.50
-55 to +125
BLM18AG102SN1
1000
±25%
100
0.70
-55 to +125
s Impedance-Frequency (Typical)
BLM18A Series
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
BLM18AG102SN(H)1
BLM18AG601SN(H)1
BLM18AG121SN(H)1
BLM18AG151SN(H)1
BLM18AG221SN(H)1
BLM18AG331SN(H)1
BLM18AG471SN(H)1
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


유사한 부품 번호 - DLP31DN900ML4

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLP31DN900ML4 MURATA-DLP31DN900ML4 Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP31DN900ML4 MURATA1-DLP31DN900ML4 Datasheet
332Kb / 3P
   DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLP31DN900ML4B MURATA-DLP31DN900ML4B Datasheet
46Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP31D Series (1206 Size)
logo
Murata Manufacturing Co...
DLP31DN900ML4B MURATA1-DLP31DN900ML4B Datasheet
332Kb / 3P
   DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLP31DN900ML4L MURATA-DLP31DN900ML4L Datasheet
46Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP31D Series (1206 Size)
More results

유사한 설명 - DLP31DN900ML4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com