전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103N25S20PSV 데이터시트(PDF) 8 Page - International Rectifier

부품명 SD103N25S20PSV
상세설명  DISCRETE POWER DIODES and THYRISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

SD103N25S20PSV 데이터시트(HTML) 8 Page - International Rectifier

Back Button SD103N25S20PSV Datasheet HTML 2Page - International Rectifier SD103N25S20PSV Datasheet HTML 3Page - International Rectifier SD103N25S20PSV Datasheet HTML 4Page - International Rectifier SD103N25S20PSV Datasheet HTML 5Page - International Rectifier SD103N25S20PSV Datasheet HTML 6Page - International Rectifier SD103N25S20PSV Datasheet HTML 7Page - International Rectifier SD103N25S20PSV Datasheet HTML 8Page - International Rectifier SD103N25S20PSV Datasheet HTML 9Page - International Rectifier SD103N25S20PSV Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SD103N/R Series
23
Parameter
SD103N/R
Units
Conditions
°C
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.16
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.10
Mounting surface, smooth, flat and greased
T
Mounting torque ± 10%
15.5
Not lubricated threads
13.5
Lubricated threads
wt
Approximate weight
120
g
Case style
DO-205AC(DO-30)
See Outline Table
Thermal and Mechanical Specification
K/W
Nm
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.011
0.012
T
J
= T
J
max.
120°
0.016
0.019
90°
0.021
0.023
K/W
60°
0.029
0.030
30°
0.041
0.041
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
V oltage code: C ode x 100 = V
RRM
(see Voltage Ratings table)
6
-
t
rr
code (see Recovery Characteristics table)
7
-
P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A
M = Stud base DO-205AC (DO-30) M12 X 1.75
8
-7 B = Flag top terminals (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
9
-
C = Ceramic housing (over 1600V)
V = Glass-metal seal (only up to 1600V)
5
1
2
3
4
SD
10
3
R
25 S20
P
B
C
7
6
8
9
Device Code
Ordering Information Table
To Order
Next Data Sheet
Index
Previous Datasheet


유사한 부품 번호 - SD103N25S20PSV

제조업체부품명데이터시트상세설명
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
logo
SHIELD s.r.l.
SD103N700130 SHIELD-SD103N700130 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
SD103N700230 SHIELD-SD103N700230 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
SD103N706130 SHIELD-SD103N706130 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
SD103N706430 SHIELD-SD103N706430 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
More results

유사한 설명 - SD103N25S20PSV

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STO875 SIRECTIFIER-STO875 Datasheet
304Kb / 3P
   Discrete Thyristors (Isolated)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN255 SIRECTIFIER-STYN255 Datasheet
122Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN225 SIRECTIFIER-STYN225 Datasheet
183Kb / 2P
   Discrete Thyristors(SCRs)
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
STYN216 SIRECTIFIER-STYN216 Datasheet
180Kb / 2P
   Discrete Thyristors(SCRs)
STYN210 SIRECTIFIER-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com