전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LNA-40-02002000-36-15P 데이터시트(PDF) 2 Page - L3Harris Narda-MITEQ

부품명 LNA-40-02002000-36-15P
상세설명  LOW NOISE AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  L3HARRIS [L3Harris Narda-MITEQ]
홈페이지  https://nardamiteq.com/
Logo L3HARRIS - L3Harris Narda-MITEQ

LNA-40-02002000-36-15P 데이터시트(HTML) 2 Page - L3Harris Narda-MITEQ

  LNA-40-02002000-36-15P Datasheet HTML 1Page - L3Harris Narda-MITEQ LNA-40-02002000-36-15P Datasheet HTML 2Page - L3Harris Narda-MITEQ LNA-40-02002000-36-15P Datasheet HTML 3Page - L3Harris Narda-MITEQ  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LOW NOISE AMPLIFIER
*Typical data shown below
435 Moreland Road
Hauppauge, NY 11788
Tel : 631-231-1700
Fax: 631-231-1711
Email : componentsnm@L3T.com
www.nardamiteq.com
Narda-MITEQ
LNA-40-02002000-36-15P
13
14
15
16
17
18
19
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
Frequency (MHz)
Power Out @ 1dB Compression
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
Frequency (MHz)
Noise Figure
1.0
1.5
2.0
2.5
3.0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
Frequency (MHz)
Input (Solid) and Output VSWR (Dashed)
38
39
40
41
42
43
44
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
Frequency (MHz)
S21
Parameter
Standard
Description
Operational temperature
-55 C to +85 C
Storage temperature
-65 C to +125 C
Random Vibration
MIL-STD-883K, Method 2026,
Cond. IB
50 - 2000 Hz, 7.3 Grms
Humidity
MIL-STD-202, Method 103B,
Cond. B
95% RH
Altitude
MIL-STD-883K, Method 1001,
Cond. C
50,000 feet
Environmental Specifications
*Amplifiers are designed to meet the above conditions. If ESS testing is required please contact factory.*


유사한 부품 번호 - LNA-40-02002000-36-15P

제조업체부품명데이터시트상세설명
logo
L3Harris Narda-MITEQ
LNA-40-02002000-27-10P L3HARRIS-LNA-40-02002000-27-10P Datasheet
586Kb / 3P
   LOW NOISE AMPLIFIER
LNA-40-02002000-42-20P L3HARRIS-LNA-40-02002000-42-20P Datasheet
571Kb / 3P
   LOW NOISE AMPLIFIER
LNA-40-02002000-55-25P L3HARRIS-LNA-40-02002000-55-25P Datasheet
590Kb / 3P
   LOW NOISE AMPLIFIER
More results

유사한 설명 - LNA-40-02002000-36-15P

제조업체부품명데이터시트상세설명
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com