전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HGC5020-HYB2600S 데이터시트(PDF) 1 Page - Soshin electric Co., Ltd.

부품명 HGC5020-HYB2600S
상세설명  2600MHz Band 90deg Chip Hybrid Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOSHIN [Soshin electric Co., Ltd.]
홈페이지  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

HGC5020-HYB2600S 데이터시트(HTML) 1 Page - Soshin electric Co., Ltd.

  HGC5020-HYB2600S Datasheet HTML 1Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Control No.
:
HGC-5020-B
Tentative Specification
(Preliminary)
Established on Apr 4, 2013
1. 2600MHz Band 90deg Chip Hybrid Coupler
TYPE No: HGC5020-HYB2600S
RoHS correspondence article
2. Appearance and Construction
2.1 Dimension (Unit: mm)
Terminal
1
IN
2
0 deg OUT
3
90 deg OUT
4
Isolation
G
GND
2.2 Body … Ceramics
2.3 Terminal … Ni+Sn plating
2.4 Marking … Abbreviation of Model No. is printed
3. Absolute Maximum Ratings
3.1 Input Power
(W Avg/CW Ta=25degC)
:
40
3.2 Operating Temperature (degC)
:
-40 ~ 125
3.3 Storage Temperature
(degC)
:
-40 ~ 85
(-20 ~ 35degC for tape and reel materials)
4. Target Electrical Characteristics (-40~125degC)
Item
Target Specifications
4.1 Nominal Impedance
(Ohm)
50
4.2 Frequency Range
(MHz)
2300 ~ 2800
4.3 Insertion Loss
(dB MAX)
0.25 (TYP. 0.12)
4.4 Amplitude Level Balance (dB MAX)
0.3
4.5 Phase Balance
(deg)
90+/-4
4.6 V.S.W.R
(MAX)
1.2
4.7 Isolation
(dB MIN)
20
5. Note
5.1 Number of pieces ordered
At least 1,000 pieces must be ordered for serial production.
*Specifications of products are subject to change without notice
SOSHIN ELECTRIC CO., LTD.
Tolerance: +/- 0.2
4
1
3
2
G
1.2
1.2
1.2
0.3
G
G
G
1.5
0.7
0.5
3.2
4.5
4
1
G
G
3
2
G
G
G
G


유사한 부품 번호 - HGC5020-HYB2600S

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
HGC5021-HYB0900S SOSHIN-HGC5021-HYB0900S Datasheet
20Kb / 1P
   900MHz Band 90deg Chip Hybrid Coupler
HGC5022-HYB2000S SOSHIN-HGC5022-HYB2000S Datasheet
20Kb / 1P
   2000MHz Band 90deg Chip Hybrid Coupler
HGC5023-HYB3500S SOSHIN-HGC5023-HYB3500S Datasheet
22Kb / 1P
   3500MHz Band 90deg Chip Hybrid Coupler
HGC5024-HYB1450S SOSHIN-HGC5024-HYB1450S Datasheet
20Kb / 1P
   1450MHz Band 90deg Chip Hybrid Coupler
More results

유사한 설명 - HGC5020-HYB2600S

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
ARP-4270000-D1 SOSHIN-ARP-4270000-D1 Datasheet
485Kb / 6P
   900MHz Band 90deg. Chip Hybrid Coupler
ARP-4270100-G1 SOSHIN-ARP-4270100-G1 Datasheet
524Kb / 6P
   2.15GHz Band 90deg. Chip Hybrid Coupler
HGC5024-HYB1450S SOSHIN-HGC5024-HYB1450S Datasheet
20Kb / 1P
   1450MHz Band 90deg Chip Hybrid Coupler
HGC5021-HYB0900S SOSHIN-HGC5021-HYB0900S Datasheet
20Kb / 1P
   900MHz Band 90deg Chip Hybrid Coupler
HMD2703A-HYB0750 SOSHIN-HMD2703A-HYB0750 Datasheet
485Kb / 6P
   750MHz Band 90deg. Chip Hybrid Coupler
HMD2712A-HYB0800 SOSHIN-HMD2712A-HYB0800 Datasheet
486Kb / 6P
   900MHz Band 90deg. Chip Hybrid Coupler
ARP-4271000-C1 SOSHIN-ARP-4271000-C1 Datasheet
523Kb / 6P
   2500MHz Band 90deg. Chip Hybrid Coupler
HGC5022-HYB2000S SOSHIN-HGC5022-HYB2000S Datasheet
20Kb / 1P
   2000MHz Band 90deg Chip Hybrid Coupler
ARP-4270300-F1 SOSHIN-ARP-4270300-F1 Datasheet
485Kb / 6P
   750MHz Band 90deg. Chip Hybrid Coupler
HMD2717A-HYB1950 SOSHIN-HMD2717A-HYB1950 Datasheet
487Kb / 6P
   1900MHz Band 90deg. Chip Hybrid Coupler
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com