전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMD822F 데이터시트(PDF) 1 Page - Soshin electric Co., Ltd.

부품명 HMD822F
상세설명  2550MHz Band Chip Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOSHIN [Soshin electric Co., Ltd.]
홈페이지  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

HMD822F 데이터시트(HTML) 1 Page - Soshin electric Co., Ltd.

  HMD822F Datasheet HTML 1Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Control No.
: ARP-482200 C
Tentative Specification
(Preliminary)
Established on Aug 23, 2013
1. 2550MHz Band Chip Power Divider
TYPE No: HMD822F
RoHS correspondence article
2. Appearance and Construction
2.1 Dimension (Unit: mm)
Terminal
1
Input
2
Output1
3
Output2
G
GND
2.2 Body … Ceramics
2.3 Terminal … Ni+Sn plating
2.4 Marking … Abbreviation of Model No. is printed
3. Absolute Maximum Ratings
3.1 Input Power (W Avg/CW Ta=25degC)
:
3
3.2 Operating Temperature (degC)
:
-40 ~ 105
3.3 Storage Temperature
(degC)
:
-40 ~ 85
(-20 ~ 35degC for tape and reel materials)
4. Target Electrical Characteristics (-40 ~ 105degC)
Item
Target Specifications
4.1 Nominal Impedance (Ohm)
50
4.2 Frequency Range
(MHz)
2300 ~ 2800
4.3 Insertion Loss
(dB MAX)
0.5 (TYP. 0.25)
4.4 Amplitude Level Balance (dB MAX)
0.3
4.5 Phase Balance
(deg MAX)
2
4.6 V.S.W.R
(MAX)
1.43
4.7 Isolation
(dB MIN)
17
5. Note
5.1 Number of pieces ordered
At least 2,000 pieces must be ordered for serial production.
*Specifications of products are subject to change without notice
SOSHIN ELECTRIC CO., LTD.
0.70 +/- 0.1
1.25 +/- 0.2
G
G
G
1
3
2
a
b
c
d
e
 0.30 +/- 0.15
 0.35 +/- 0.15
 0.65 +/- 0.15
Terminal Dimensions
0.15typ.
0.20typ.


유사한 부품 번호 - HMD822F

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
HMD822F SOSHIN-HMD822F Datasheet
21Kb / 1P
   2550MHz Band Chip Power Divider
More results

유사한 설명 - HMD822F

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
ARP-482200C SOSHIN-ARP-482200C Datasheet
21Kb / 1P
   2550MHz Band Chip Power Divider
HMD820F SOSHIN-HMD820F Datasheet
21Kb / 1P
   900MHz Band Chip Power Divider
ARP-482000E SOSHIN-ARP-482000E Datasheet
21Kb / 1P
   900MHz Band Chip Power Divider
ARP-482100C SOSHIN-ARP-482100C Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
HMD821F SOSHIN-HMD821F Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
logo
BeRex Corporation
BD0926 BEREX-BD0926_14 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_18 Datasheet
559Kb / 6P
   Dedicated Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_18 Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_18 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD2326 BEREX-BD2326_18 Datasheet
488Kb / 5P
   Triple Band 2-Way SMT Power Divider
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com