전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4998S3 데이터시트(PDF) 19 Page - Infineon Technologies AG

부품명 TLE4998S3
상세설명  Programmable Linear Hall Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S3 데이터시트(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4998S3_V01 Datasheet HTML 15Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 16Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 17Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 18Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 19Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 20Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 21Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 22Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TLE4998S
Signal Processing
Data Sheet
19
V 1.0, 2008-07
• The temperature is normalized by subtraction of the reference temperature T0 value
(zero point of the quadratic function)
• The linear path is multiplied with the TC1 value
• In the quadratic path, the temperature difference to T0 is squared and multiplied with
the TC2 value
• Both path outputs are added together and multiplied with the Gain value from the
EEPROM
6.1
Magnetic Field Ranges
The working range of the magnetic field defines the input range of the A/D converter. It
is always symmetrical around the zero field point. Any two points in the magnetic field
range can be selected to be the end points of the output value. The output value is
represented within the range between the two points.
In the case of fields higher than the range values, the output signal may be distorted. The
range must be set before the calibration of offset and gain.
Table 7
Range Setting
Range
Range in mT1)
1) Ranges do not have a guaranteed absolute accuracy. The temperature pre-calibration is performed in the mid
range (100 mT)
Parameter R
Low
± 50
3
Mid
± 100
12)
2) Setting R = 2 is not used, internally changed to R = 1
High
± 200
0
Table 8
Range
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
R
2
bit


유사한 부품 번호 - TLE4998S3_V01

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results

유사한 설명 - TLE4998S3_V01

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com