전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATS2825 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 ATS2825
상세설명  Bluetooth Module SPEC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ATS2825 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ATS2825 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ATS2825 Bluetooth Module SPEC
Copyright© 2015 Actions (Zhuhai) Technology Co., Ltd. All rights reserved.
Version 1.0
Page 7
Card Player: 0Hz FFT 20Hz ~ 20 KHz
Card Player: Frequency Response 20Hz ~ 20 KHz


유사한 부품 번호 - ATS2825

제조업체부품명데이터시트상세설명
logo
International Rectifier
ATS2800S IRF-ATS2800S Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2800S IRF-ATS2800S_15 Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DCH IRF-ATS2803R3DCH Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DES IRF-ATS2803R3DES Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DHB IRF-ATS2803R3DHB Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
More results

유사한 설명 - ATS2825

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AP6212 ETC2-AP6212 Datasheet
1Mb / 26P
   WiFiBluetooth 4.0FM RX SIP Module Spec Sheet
logo
Varitronix internationa...
COG-C150FAG-01 VARITRONIX-COG-C150FAG-01 Datasheet
90Kb / 1P
   MODULE SPEC
COG-C286FVJ-01 VARITRONIX-COG-C286FVJ-01 Datasheet
39Kb / 1P
   MODULE SPEC
COG-C177MVH-01 VARITRONIX-COG-C177MVH-01 Datasheet
130Kb / 1P
   MODULE SPEC
COG-T130MLH-01 VARITRONIX-COG-T130MLH-01 Datasheet
216Kb / 1P
   MODULE SPEC
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
Sony Corporation
CXN1010 SONY-CXN1010 Datasheet
184Kb / 21P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com