전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATV320U22N4C 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 ATV320U22N4C
상세설명  variable speed drive ATV320 - 2.2kW - 380...500V - 3 phase - compact
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ATV320U22N4C 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  ATV320U22N4C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 7Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 8Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Local signalling
1 LED green for CANopen run
1 LED red for CANopen error
1 LED red for drive fault
Width
140 mm
Height
184 mm
227.9 mm with EMC plate
Depth
158 mm
Product weight
2.1 kg
Analogue input number
3
Analogue input type
Voltage (AI1): 0...10 V DC, impedance 30000 Ohm, resolution 10 bits
Bipolar differential voltage (AI2): +/- 10 V DC, impedance 30000 Ohm, resolution 10 bits
Current (AI3): 0...20 mA (or 4-20 mA, x-20 mA, 20-x mA or other patterns by configuration),
impedance 250 Ohm, resolution 10 bits
Discrete input number
7
Discrete input type
Programmable (sink/source) (DI1...DI4): 24...30 V DC: level 1 PLC
Programmable as pulse input 20 kpps (DI5): 24...30 V DC: level 1 PLC
Switch-configurable PTC probe (DI6): 24...30 V DC
Safe torque off (STO): 24...30 V DC, impedance 1500 Ohm
Discrete input logic
Negative logic (sink): : DI1...DI6, > 19 V (state 0) < 13 V (state 1)
Positive logic (source): : DI1...DI6, < 5 V (state 0) > 11 V (state 1)
Analogue output number
1
Analogue output type
Software-configurable current (AQ1): 0...20 mA, impedance 800 Ohm, resolution 10 bits
Software-configurable voltage (AQ1): 0...10 V, impedance 470 Ohm, resolution 10 bits
Sampling duration
Analog input (AI1, AI2, AI3): 2 ms
Analog output (AQ1): 2 ms
Accuracy
Analog input AI1, AI2, AI3: +/- 0.2 % for a temperature of -10...60 °C
Analog input AI1, AI2, AI3: +/- 0.5 % for a temperature of 25 °C
Analog output AQ1: +/- 1 % for a temperature of 25 °C
Analog output AQ1: +/- 2 % for a temperature of -10...60 °C
Linearity error
Analog input (AI1, AI2, AI3): +/- 0.2...0.5 % of maximum value
Analog output (AQ1): +/- 0.3 %
Discrete output number
3
Discrete output type
Configurable relay logic NO/NC (R1A, R1B, R1C): electrical durability 100000 cycles
Configurable relay logic NO (R2A, R2B): electrical durability 100000 cycles
Logic (LO)
Refresh time
Logic input (DI1...DI6): 8 ms (+/- 0.7 ms)
Relay output (R1A, R1B, R1C): 2 ms
Relay output (R2A, R2C): 2 ms
Minimum switching current
Relay output (R1, R2): 5 mA at 24 V DC
Maximum switching current
Relay output (R1) on resistive load (cos phi = 1: 3 A at 250 V AC
Relay output (R1) on resistive load (cos phi = 1: 4 A at 30 V DC
Relay output (R1, R2) on inductive load (cos phi = 0.4: 2 A at 250 V AC
Relay output (R1, R2) on inductive load (cos phi = 0.4: 2 A at 30 V DC
Relay output (R2) on resistive load (cos phi = 1: 5 A at 250 V AC
Relay output (R2) on resistive load (cos phi = 1: 5 A at 30 V DC
Specific application
Machinery
Discrete and process manufacturing
Hoisting self erecting
Material handling carousel
Material handling conveyor
Material handling lifting platfrom
Material handling palletizers - medium performance
Material handling transfer table
Material handling turn table
Material working (wood, ceramic, stone, pvc, metal) cutting - medium accuracy
Material working (wood, ceramic, stone, pvc, metal) drilling
Material working (wood, ceramic, stone, pvc, metal) saw
Packaging bagging
Packaging feed conveyor low performance
Packaging filling bottles - intermittent operation
Packaging linear labeling
Packaging other application
Packaging stretching wrapping
Packaging tray take
Textile knitting
Textile printing machines
Textile spinning
Washing machines car
ATV320U22N4C


유사한 부품 번호 - ATV320U22N4C

제조업체부품명데이터시트상세설명
logo
Schneider Electric
ATV320U22N4C SCHNEIDER-ATV320U22N4C Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
More results

유사한 설명 - ATV320U22N4C

제조업체부품명데이터시트상세설명
logo
Schneider Electric
ATV320U30N4C SCHNEIDER-ATV320U30N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 3 kW, 380...500 V, 3 phases, compact
Sep 13, 2021
ATV320U15N4C SCHNEIDER-ATV320U15N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 1.5 kW, 380...500 V, 3 phases, compact
Sep 13, 2021
ATV320U04N4C SCHNEIDER-ATV320U04N4C_V01 Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.37 kW, 380...500 V, 3 phases, compact
Jan 12, 2022
ATV320U06N4C SCHNEIDER-ATV320U06N4C Datasheet
608Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.55 kW, 380...500 V, 3 phases, compact
Apr 17, 2023
ATV320U04N4C SCHNEIDER-ATV320U04N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.37 kW, 380...500 V, 3 phases
Sep 13, 2021
ATV320U30N4W SCHNEIDER-ATV320U30N4W Datasheet
193Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 3 kW, 380...500 V, 3 phases, enclosed
Sep 22, 2021
ATV320U07N4C SCHNEIDER-ATV320U07N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.75 kW, 380...500 V, 3 phases
Sep 13, 2021
ATV320U40N4C SCHNEIDER-ATV320U40N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 4 kW, 380...500 V
Sep 13, 2021
ATV320D11N4B SCHNEIDER-ATV320D11N4B Datasheet
266Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 11 kW, 380...500 V
Sep 13, 2021
ATV320U15N4W SCHNEIDER-ATV320U15N4W Datasheet
191Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 1.5 kW, 380...500 V, 3 phases, enclosed
Sep 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com