전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCR8UM 데이터시트(PDF) 5 Page - Mitsubishi Electric Semiconductor

부품명 BCR8UM
상세설명  MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR8UM 데이터시트(HTML) 5 Page - Mitsubishi Electric Semiconductor

  BCR8UM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR8UM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR8UM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR8UM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR8UM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/µs)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
44
IFGT I
IRGT I
IRGT III
TYPICAL EXAMPLE
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
# 2
# 1
TYPICAL EXAMPLE
Tj = 125°C
I QUADRANT
III QUADRANT
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR8UM
MEDIUM POWER USE
INSULATED TYPE, GLASS PASSIVATION TYPE
6
6
6
6V
6V
6V
RG
RG
RG
A
V
A
V
A
V
TEST PROCEDURE 1
TEST PROCEDURE 3
TEST PROCEDURE 2
GATE TRIGGER CHARACTERISTICS TEST CIRCUITS


유사한 부품 번호 - BCR8UM

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
BCR8 MITSUBISHI-BCR8 Datasheet
92Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR8 MITSUBISHI-BCR8 Datasheet
86Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR8AS-14LJ RENESAS-BCR8AS-14LJ Datasheet
90Kb / 7P
   Triac Medium Power Use
BCR8AS-14LJB01 RENESAS-BCR8AS-14LJB01 Datasheet
90Kb / 7P
   Triac Medium Power Use
BCR8AS-14LJ RENESAS-BCR8AS-14LJ_15 Datasheet
90Kb / 7P
   Triac Medium Power Use
More results

유사한 설명 - BCR8UM

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
CR6PM MITSUBISHI-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16UM MITSUBISHI-BCR16UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR12UM MITSUBISHI-BCR12UM Datasheet
56Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR10UM MITSUBISHI-BCR10UM Datasheet
55Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR6PM POWEREX-CR6PM Datasheet
69Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR8PM MITSUBISHI-CR8PM Datasheet
67Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR16HM MITSUBISHI-BCR16HM Datasheet
91Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR8PM POWEREX-CR8PM Datasheet
67Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR30GM MITSUBISHI-BCR30GM Datasheet
90Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com