전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24AC128 데이터시트(PDF) 10 Page - Catalyst Semiconductor

부품명 CAT24AC128
상세설명  128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AC128 데이터시트(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24AC128 Datasheet HTML 3Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 4Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 5Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 6Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 7Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 8Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 9Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 10Page - Catalyst Semiconductor CAT24AC128 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT24AC128
10
Doc. No. 1028, Rev. I
Note:
1.
All linear dimensions are in inches and parenthetically in millimeters.
0.205 (5.20)
0.213 (5.40)
0.303 (7.70)
0.318 (8.10)
4 REF
0.008 (0.20)
0.025 (0.65)
0.0137 (0.35)
0.0177 (0.45)
0.080 (2.03)
MAX
0.205 (5.15)
0.210 (5.35)
0.0267 (0.68)
0.0303 (0.77)
0.046 (1.17)
0.054 (1.37)
8-LEAD 210 MIL WIDE SOIC (K, X)
14-LEAD TSSOP (U14, Y14)
7.72 TYP
4.16 TYP
(1.78 TYP)
0.42 TYP
0.65 TYP
LAND PATTERN RECOMMENDATION
-B-
3.2
6.4
A
B
C
0.2
14
8
4.4 + 0.1
ALL LEAD TIPS
PIN #1 IDENT.
1
7
ALL LEAD TIPS
1.1 MAX TYP
0.1 C
(0.9)
0.10 + 0.05 TYP
0.19 - 0.30 TYP
0.3 M A B S C S
0.65 TYP
SEE DETAIL A
0.09 - 0.20 TYP
0.6+0.1
SEATING PLANE
GAGE PLANE
0.25
0
o- 8o
DETAIL A
-C-
-D-
Dimension D
Pkg
Min
Max
14
4.9
5.1


유사한 부품 번호 - CAT24AC128

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JE-1.8TE13 CATALYST-CAT24AC128JE-1.8TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JE-TE13 CATALYST-CAT24AC128JE-TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JI-1.8TE13 CATALYST-CAT24AC128JI-1.8TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JI-TE13 CATALYST-CAT24AC128JI-TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
More results

유사한 설명 - CAT24AC128

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128_06 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com