전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E197 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC10E197
상세설명  DATA SEPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E197 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC10E197 Datasheet HTML 4Page - ON Semiconductor MC10E197 Datasheet HTML 5Page - ON Semiconductor MC10E197 Datasheet HTML 6Page - ON Semiconductor MC10E197 Datasheet HTML 7Page - ON Semiconductor MC10E197 Datasheet HTML 8Page - ON Semiconductor MC10E197 Datasheet HTML 9Page - ON Semiconductor MC10E197 Datasheet HTML 10Page - ON Semiconductor MC10E197 Datasheet HTML 11Page - ON Semiconductor MC10E197 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC10E197
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–8
the poles lie beyond the crossover frequency and they are
positioned for near unity gain operation. Performing a root
locus analysis on the op-amp open loop configuration and
adhering to the two constraints yields the pole positions
contributed by the op-amp.
Determination of Element Values
Since the difference amplifier is configured to operate as a
differential summer the resistor values associated with the
amplifier are of equal value. Further, the typical input
resistance to the summing amplifier is 1k
Ω; thus, the op-amp
resistors are set at 1 k
Ω. Having set the input resistance to the
op-amp and selected the position of the real pole, the value of
the shunt capacitors is determined using the following
relationship:
 p1 =
1
2
πR1CIN
eqt. 4
Augmenting Integrator
The augmenting integrator consists of an active filter with a
lag-lead network in the feedback path (Figure 7).
VIN
VCCVCO
MC34182
RIA
RA
CA
VO2
RIA
Figure 7. Integrator Subsection
Analysis of this portion of the filter circuit yields the transfer
function:
F1(s) = Kl *
1
s
*
(s + z)
[s2 + (2
ζω ) s + ω2 ]
o2
o2
The gain constant is defined as:
where:
Al =
op-amp gain constant for selected pole positions.
RA = integrator feedback resistor.
RlA = integrator input resistor.
Kl = Al *
RA
RlA
eqt. 5
The integrator circuit introduces a zero, a pole at the origin,
and a second order pole set as described by the two pole
model for an op-amp. As in the case of the differential
summing amplifier, we assume the op-amp pole pair occur as
a complex conjugate pair making an angle of 45
° to the real
axis of the complex frequency plane; are positioned for near
unity gain operation; and are located beyond the crossover
frequency. Since both the summing and integrating op-amps
are realized by the same type of op-amp (MC34182D), the
open loop pole positions for both amplifiers will be the same.
Further, the loop transfer function contains two poles
located at the origin, one introduced by the integrator and the
other by the VCO; hence a zero is necessary to compensate
for the phase shift produced by these poles and ensure loop
stability. The op-amp will be stable if the crossover point
occurs before the transfer function phase angle becomes
180
°. The zero should be positioned much less than one
decade before the unity gain frequency.
As in the case of the filter input circuitry, the poles and zero
from this analysis will be used as open loop poles and a zero
when performing the root locus analysis for the complete
system.
Determination of Element Values
The location of the zero is used to determine the element
values for the augmenting integrator. The value of the
capacitor, CA, is selected to provide adequate charge storage
when the loop is not sampling data. A value of 0.1
µF is
sufficient for most applications; this value may be increased
when the RDCLK frequency is much lower than 4 MHz. The
value of RA is governed by:
 z =
1
2
πRACA
eqt. 6
For unity gain operation of the integrating op-amp the value of
RlA is selected such that:
RlA = RA
eqt. 7
It should be noted that although the zero can be tuned by
varying either RA or CA, caution must be exercised when
adjusting the zero by varying CA because the integrator gain is
also a function of CA. Further, the gain of the loop filter can be
adjusted by changing the integrator input resistor RlA.
Voltage Divider
The input range to the VCOIN input is from 1.3V + VEE to
2.6V + VEE; hence, the output from the augmenting amplifier
section must be attenuated to meet the VCOIN constraints. A
simple voltage divider network provides the necessary
attenuation (Figure 8).
VIN
RV
RO
DB
Cd
VO
Figure 8. Voltage Divider Subsection


유사한 부품 번호 - MC10E197

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
MC10E197FN ONSEMI-MC10E197FN Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
MC10E197FNR2 ONSEMI-MC10E197FNR2 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
MC10E197 ONSEMI-MC10E197_06 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
More results

유사한 설명 - MC10E197

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197_06 Datasheet
318Kb / 16P
   5V ECL Data Separator
June, 2006 ??Rev. 6
logo
List of Unclassifed Man...
FDC9216B ETC-FDC9216B Datasheet
191Kb / 4P
   FLOPPY DISK DATA SEPARATOR FDDS
SED9420CAC ETC1-SED9420CAC Datasheet
157Kb / 4P
   CMOS DATA SEPARATOR FOR FDD
logo
National Semiconductor ...
DP8470 NSC-DP8470 Datasheet
433Kb / 12P
   Floppy Disk Support Chip Data Separator & Write Precompensation
logo
Festo Corporation.
HPV-14-20-A FESTO-HPV-14-20-A Datasheet
86Kb / 2P
   Feed separator
HPV-22-60-A FESTO-HPV-22-60-A Datasheet
86Kb / 2P
   Feed separator
HPVS-10-10-A FESTO-HPVS-10-10-A Datasheet
89Kb / 2P
   Feed separator
HPVS-14-20-A FESTO-HPVS-14-20-A Datasheet
86Kb / 2P
   Feed separator
HPVS-14-40-A FESTO-HPVS-14-40-A Datasheet
87Kb / 2P
   Feed separator
HPV-22-30-A FESTO-HPV-22-30-A Datasheet
86Kb / 2P
   Feed separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com