전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E211 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC10E211
상세설명  1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E211 데이터시트(HTML) 4 Page - ON Semiconductor

  MC10E211 Datasheet HTML 1Page - ON Semiconductor MC10E211 Datasheet HTML 2Page - ON Semiconductor MC10E211 Datasheet HTML 3Page - ON Semiconductor MC10E211 Datasheet HTML 4Page - ON Semiconductor MC10E211 Datasheet HTML 5Page - ON Semiconductor MC10E211 Datasheet HTML 6Page - ON Semiconductor MC10E211 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10E211 MC100E211
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–4
APPLICATIONS INFORMATION
General Description
The MC10E/100E211 is a 1:6 fanout tree designed
explicitly for low skew high speed clock distribution. The
device was targeted to work in conjunction with the E111
device to provide another level of flexibility in the design and
implementation of clock distribution trees. The individual
synchronous enable controls and multiplexed clock inputs
make the device ideal as the first level distribution unit in a
distribution tree. The device provides the ability to distribute a
lower speed scan or test clock along with the high speed
system clock to ease the design of system diagnostics and
self test procedures. The individual enables could be used to
allow for the disabling of individual cards on a backplane in
fault tolerant designs.
Because of lower fanout and larger skews the E211 will
not likely be used as an alternative to the E111 for the bulk of
the clock fanout generation. Figure 1 shows a typical
application combining the two devices to take advantage of
the strengths of each.
Figure 1. Standard E211 Application
E111
Q8
Q0
E211
Q5
Q0
E111
Q8
Q0
Using the E211 in PECL Designs
The E211 device can be utilized very effectively in designs
utilizing only a +5V power supply. Since the internal switching
reference levels are biased off of the VCC supply the input
thresholds for the single-ended inputs will vary with VCC. As a
result the single-ended inputs should be driven by a device
on the same board as the E211. Driving these inputs across a
backplane where significant differences between the VCC’s of
the transmitter and receiver can occur can lead to AC
performance and/or significant noise margin degradations.
Because the differential I/O does not use a switching
reference, and due to the CMR range of the E211, even
under worst case VCC situations between cards there will be
no AC performance or noise margin loss for the differential
CLK inputs.
For situations where TTL clocks are required the E211 can
be interfaced with the H641 or H643 ECL to TTL Clock
Distribution Chips from Motorola. The H641 is a single supply
1:9 PECL to TTL device while the H643 is a 1:8 dual supply
standard ECL to TTL device. By combining the superior skew
performance of the E211, or E111, with the low skew
translating capabilities of the H641 and H643 very low skew
TTL clock distribution networks can be realized.
Handling Open Inputs and Outputs
All of the input pins of the E211 have a 50k
Ω to 75kΩ
pulldown resistor to pull the input to VEE when left open. This
feature can cause a problem if the differential clock inputs are
left open as the input gate current source transistor will
become saturated. Under these conditions the outputs of the
CLK input buffer will go to an undefined state. It is
recommended, if possible,that the SCLK input should be
selected any time the differential CLK inputs are allowed to
float. The SCLK buffer, under open input conditions, will
maintain a defined output state and thus the Q outputs of the
device will be in a defined state (Q = LOW). Note that if all of
the inputs are left open the differential CLK input will be
selected and the state of the Q outputs will be undefined.
With the simultaneous switching characteristics and the
tight skew specifications of the E211 the handling of the
unused outputs becomes critical. To minimize the noise
generated on the die all outputs should be terminated in
pairs, ie. both the true and compliment outputs should be
terminated even if only one of the outputs will be used in the
system. With both complimentary pairs terminated the
current in the VCC pins will remain essentially constant and
thus inductance induced voltage glitches on VCC will not
occur. VCC glitches will result in distorted output waveforms
and degradations in the skew performance of the device.
The package parasitics of the 28-lead PLCC cause the
signals on a given pin to be influenced by signals on adjacent
pins. The E211 is characterized and tested with all of the
outputs switching, therefore the numbers in the data book are
guaranteed only for this situation. If all of the outputs of the
E211 are not needed and there is a desire to save power the
unused output pairs can be left unterminated. Unterminated
outputs can influence the propagation delay on adjacent pins
by 15ps - 20ps. Therefore under these conditions this 15ps -
20ps needs to be added to the overall skew of the device.
Pins which are separated by a package corner are not
considered adjacent pins in the context of propagation delay
influence. Therefore as long as all of the outputs on a single
side of the package are terminated the specification limits in
the data sheet will apply.


유사한 부품 번호 - MC10E211

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FN ONSEMI-MC10E211FN Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNG ONSEMI-MC10E211FNG Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNR2 ONSEMI-MC10E211FNR2 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNR2G ONSEMI-MC10E211FNR2G Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
More results

유사한 설명 - MC10E211

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI90LV211 PERICOM-PI90LV211 Datasheet
185Kb / 9P
   1:6 Differential Clock Distribution Chip
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
Integrated Circuit Syst...
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Device Techn...
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
   Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com