전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100E416 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC100E416
상세설명  QUINT DIFFERENTIAL LINE RECEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E416 데이터시트(HTML) 3 Page - ON Semiconductor

  MC100E416 Datasheet HTML 1Page - ON Semiconductor MC100E416 Datasheet HTML 2Page - ON Semiconductor MC100E416 Datasheet HTML 3Page - ON Semiconductor MC100E416 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10E416 MC100E416
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776–02
ISSUE D
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.004 (0.100)
SEATING
PLANE
-T-
12.32
12.32
4.20
2.29
0.33
0.66
0.51
0.64
11.43
11.43
1.07
1.07
1.07
2
°
10.42
1.02
12.57
12.57
4.57
2.79
0.48
0.81
11.58
11.58
1.21
1.21
1.42
0.50
10
°
10.92
1.27 BSC
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIM G1, TRUE POSITION TO BE MEASURED
AT DATUM -T-, SEATING PLANE.
3. DIM R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.010 (0.250)
PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
VIEW S
B
U
Z
G1
X
VIEW D-D
H
K
F
VIEW S
G
C
Z
A
R
E
J
0.485
0.485
0.165
0.090
0.013
0.026
0.020
0.025
0.450
0.450
0.042
0.042
0.042
2
°
0.410
0.040
0.495
0.495
0.180
0.110
0.019
0.032
0.456
0.456
0.048
0.048
0.056
0.020
10
°
0.430
0.050 BSC
-N-
Y BRK
D
D
W
-M-
-L-
28
1
V
G1
K1


유사한 부품 번호 - MC100E416

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100E416 ONSEMI-MC100E416 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FN ONSEMI-MC100E416FN Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FNG ONSEMI-MC100E416FNG Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FNR2 ONSEMI-MC100E416FNR2 Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
MC100E416FNR2G ONSEMI-MC100E416FNR2G Datasheet
132Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 7
More results

유사한 설명 - MC100E416

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116_06 Datasheet
63Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314 Datasheet
97Kb / 5P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
F100114 NSC-F100114 Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314_06 Datasheet
87Kb / 6P
   QUINT DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com