전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E445 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC10E445
상세설명  4-BIT SERIAL/ PARALLEL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E445 데이터시트(HTML) 5 Page - ON Semiconductor

  MC10E445 Datasheet HTML 1Page - ON Semiconductor MC10E445 Datasheet HTML 2Page - ON Semiconductor MC10E445 Datasheet HTML 3Page - ON Semiconductor MC10E445 Datasheet HTML 4Page - ON Semiconductor MC10E445 Datasheet HTML 5Page - ON Semiconductor MC10E445 Datasheet HTML 6Page - ON Semiconductor MC10E445 Datasheet HTML 7Page - ON Semiconductor MC10E445 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E445 MC100E445
5
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
APPLICATIONS INFORMATION
The MC10E/100E445 is an integrated 1:4 serial to parallel
converter. The chip is designed to work with the E446 device
to provide both transmission and receiving of a high speed
serial data path. The E445, can convert up to a 2.0Gb/s NRZ
data stream into 4-bit parallel data. The device also provides
a divide by four clock output to be used to synchronize the
parallel data with the rest of the system.
The E445 features multiplexed dual serial inputs to
provide test loop capability when used in conjunction with the
E446. Figure 4 illustrates the loop test architecture. The
architecture allows for the electrical testing of the link without
requiring actual transmission over the serial data path
medium. The SINA serial input of the E445 has an extra
buffer delay and thus should be used as the loop back serial
input.
SINB
SINB
SINA
SINA
SOUT
SOUT
PARALLEL
DATA
PARALLEL
DATA
TO SERIAL
MEDIUM
FROM
SERIAL
MEDIUM
Figure 4. Loopback Test Architecture
The E445 features a differential serial output and a divide
by 8 clock output to facilitate the cascading of two devices to
build a 1:8 demultiplexer. Figure 5 illustrates the architecture
for a 1:8 demultiplexer using two E445’s; the timing diagram
for this configuration can be found on the following page.
Notice the serial outputs (SOUT) of the lower order converter
feed the serial inputs of the the higher order device. This feed
through of the serial inputs bounds the upper end of the
frequency of operation. The clock to serial output
propagation delay plus the setup time of the serial input pins
must fit into a single clock period for the cascade architecture
to function properly. Using the worst case values for these
two parameters from the data sheet, TPD CLK to SOUT =
1150ps and tS for SIN = –100ps, yields a minimum period of
1050ps or a clock frequency of 950MHz.
The clock frequency is significantly lower than that of a
single converter, to increase this frequency some games can
be played with the clock input of the higher order E445. By
delaying the clock feeding the second E445 relative to the
clock of the first E445 the frequency of operation can be
increased. The delay between the two clocks can be
increased until the minimum delay of clock to serial out would
potentially cause a serial bit to be swallowed (Figure 6).
Q3
Q7
Q2
Q6
Q1
Q5
Q0
Q4
SIN
SIN
SOUT
SOUT
E445a
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
SIN
SIN
E445b
CLOCK
CLOCK
SERIAL
INPUT
DATA
PARALLEL OUTPUT DATA
800ps
1150ps
100ps
CLOCK
Tpd CLK
to SOUT
Figure 5. Cascaded 1:8 Converter Architecture
With a minimum delay of 800ps on this output the clock for
the lower order E445 cannot be delayed more than 800ps
relative to the clock of the first E445 without potentially
missing a bit of information. Because the setup time on the
serial input pin is negative coincident excursions on the data
and clock inputs of the E445 will result in correct operation.
Figure 6. Cascade Frequency Limitation
800ps
1150ps
CLOCK B
Tpd CLK
to SOUT
CLOCK A


유사한 부품 번호 - MC10E445

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E445FN ONSEMI-MC10E445FN Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E445FNG ONSEMI-MC10E445FNG Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E445FNR2 ONSEMI-MC10E445FNR2 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E445FNR2G ONSEMI-MC10E445FNR2G Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
More results

유사한 설명 - MC10E445

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E445 MICREL-SY10E445_06 Datasheet
83Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446_06 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
   11-BIT PARALLEL TO SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com