전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A2066DCUR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A2066DCUR
상세설명  DUAL-CHANNEL 10-W SPST ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A2066DCUR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS5A2066DCUR Datasheet HTML 3Page - Texas Instruments TS5A2066DCUR Datasheet HTML 4Page - Texas Instruments TS5A2066DCUR Datasheet HTML 5Page - Texas Instruments TS5A2066DCUR Datasheet HTML 6Page - Texas Instruments TS5A2066DCUR Datasheet HTML 7Page - Texas Instruments TS5A2066DCUR Datasheet HTML 8Page - Texas Instruments TS5A2066DCUR Datasheet HTML 9Page - Texas Instruments TS5A2066DCUR Datasheet HTML 10Page - Texas Instruments TS5A2066DCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1)
TS5A2066
DUAL-CHANNEL 10-
Ω SPST ANALOG SWITCH
SCDS184A – JANUARY 2005 – REVISED SEPTEMBER 2005
V
+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
0
≤ V
NO ≤ V+,
25
°C
20
22
25
ON-state
Switch ON,
ron
2.3 V
ICOM = –8 mA,
resistance
See Figure 13
Full
30
ON-state
25
°C
0.04
0.5
1.5
resistance match
VNO = 1.6 V,
Switch ON,
∆r
on
2.3 V
between
ICOM = –8 mA,
See Figure 13
Full
0.02
5
channels
ON-state
25
°C
12
16
18
0
≤ V
NO ≤ V+,
Switch ON,
resistance
ron (flat)
2.3 V
ICOM = –8 mA,
See Figure 13
Full
15
25
flatness
VNO = 0.5 V,
25
°C
–30
–5.5
30
NO
VCOM = 2.2 V,
Switch OFF,
OFF leakage
INO(OFF)
or
2.7 V
nA
See Figure 14
Full
–40
40
current
VNO = 2.2 V,
VCOM = 0.5 V,
VCOM = 0.5 V,
25
°C
–50
–7.5
50
COM
VNO = 2.2 V,
Switch OFF,
OFF leakage
ICOM(OFF)
or
2.7 V
nA
See Figure 14
Full
–50
50
current
VCOM = 2.2 V,
VNO = 0.5 V,
VNO = 0.5 V,
25
°C
–40
–5
40
NO
VCOM = Open,
Switch ON,
ON leakage
INO(ON)
or
2.7 V
nA
See Figure 15
Full
–40
40
current
VNO = 2.2 V,
VCOM = Open
VCOM = 0.5 V,
25
°C
–70
–12
70
COM
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
nA
See Figure 15
Full
–70
70
current
VCOM = 2.2 V,
VNO = Open,
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
25
°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
2.7 V
µA
current
Full
–1
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
7


유사한 부품 번호 - TS5A2066DCUR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A2066DCUR TI-TS5A2066DCUR Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCUR TI1-TS5A2066DCUR Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCURE4 TI-TS5A2066DCURE4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCURE4 TI1-TS5A2066DCURE4 Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCURG4 TI-TS5A2066DCURG4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
More results

유사한 설명 - TS5A2066DCUR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A2066 TI1-TS5A2066_14 Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com