전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP01 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC10EP01
상세설명  3.3V / 5V ECL 4-Input OR/NOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP01 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC10EP01 Datasheet HTML 2Page - ON Semiconductor MC10EP01 Datasheet HTML 3Page - ON Semiconductor MC10EP01 Datasheet HTML 4Page - ON Semiconductor MC10EP01 Datasheet HTML 5Page - ON Semiconductor MC10EP01 Datasheet HTML 6Page - ON Semiconductor MC10EP01 Datasheet HTML 7Page - ON Semiconductor MC10EP01 Datasheet HTML 8Page - ON Semiconductor MC10EP01 Datasheet HTML 9Page - ON Semiconductor MC10EP01 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC10EP01, MC100EP01
http://onsemi.com
10
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer
purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC10EP01/D
ECLinPS is a trademark of Semiconductor Components INdustries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


유사한 부품 번호 - MC10EP01

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EP01 ONSEMI-MC10EP01 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results

유사한 설명 - MC10EP01

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com