전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100ELT25D 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC100ELT25D
상세설명  Differential ECL to TTL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT25D 데이터시트(HTML) 2 Page - ON Semiconductor

  MC100ELT25D Datasheet HTML 1Page - ON Semiconductor MC100ELT25D Datasheet HTML 2Page - ON Semiconductor MC100ELT25D Datasheet HTML 3Page - ON Semiconductor MC100ELT25D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10ELT25, MC100ELT25
http://onsemi.com
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND, VEE = –5.2)
7.0
V
VEE
DC Supply Voltage (Referenced to GND, VCC = 5.0)
–8.0
V
VIN
Input Voltage
0 to VCC
V
IOUT
Current Applied to Output in Low Output State
Continuous
Surge
50
100
mA
TA
Operating Temperature Range (In Free-Air)
–40 to 85
°C
TSTG
Storage Temperature Range
–55 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500lfpm
190
130
°C/W
θJC
Thermal Resistance (Junction–to–Case)
41 to 44
± 5%
°C/W
Tsol
Solder Temperature (<2 to 3 Seconds: 245
°C desired)
265
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
TTL OUTPUT DC CHARACTERISTICS
(VCC = 4.5V to 5.5V; VEE = –4.2V to –5.5V 100ELT, –4.94V to –5.5V 10ELT; TA = –40°C to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VOH
Output HIGH Voltage
2.4
V
IOH = –3.0mA
VOL
Output LOW Voltage
0.5
V
IOL = 24mA
ICCH
Power Supply Current
11
16
mA
ICCL
Power Supply Current
13
18
mA
IEE
Power Supply Current
15
21
mA
IOS
Output Short Circuit Current
–150
–60
mA
ECL INPUT DC CHARACTERISTICS
(VCC = 4.5V to 5.5V; VEE = –4.2V to –5.5V 100ELT, –4.94V to –5.5V 10ELT; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
VCMR
Common Mode Range
VEE +
2.2
VCC
VEE +
2.2
VCC
VEE +
2.2
VCC
VEE +
2.2
VCC
V
VPP
Minimum Peak-to-Peak Input1
200
200
200
200
mV
VIH
Input HIGH Voltage
10ELT
100ELT
–1230
–1165
–890
–880
–1170
–1165
–840
–880
–1130
–1165
–810
–880
–1060
–1165
–720
–880
mV
VIL
Input LOW Voltage
10ELT
100ELT
–1950
–1810
–1500
–1475
–1950
–1810
–1480
–1475
–1950
–1810
–1480
–1475
–1950
–1810
–1445
–1475
mV
VBB
Reference Output
10ELT
100ELT
–1.43
–1.38
–1.30
–1.26
–1.38
–1.38
–1.27
–1.26
–1.35
–1.38
–1.25
–1.26
–1.31
–1.38
–1.19
–1.26
V
1. 200mV input guarantees full logic swing at the output.
AC CHARACTERISTICS
(VCC = 4.5V to 5.5V; VEE = –4.2V to –5.5V 100ELT, –4.94V to –5.5V 10ELT; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay
1.7
3.6
1.7
3.6
1.7
3.6
1.7
3.6
ns
CL = 20pF
tPHL
Propagation Delay
2.6
4.1
2.6
4.1
2.6
4.1
2.6
4.1
ns
CL = 20pF


유사한 부품 번호 - MC100ELT25D

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100ELT25D ONSEMI-MC100ELT25D Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC100ELT25DG ONSEMI-MC100ELT25DG Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC100ELT25DG ONSEMI-MC100ELT25DG Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
MC100ELT25DR2 ONSEMI-MC100ELT25DR2 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC100ELT25DR2G ONSEMI-MC100ELT25DR2G Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
More results

유사한 설명 - MC100ELT25D

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com