전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM5324100CK 데이터시트(PDF) 11 Page - Samsung semiconductor

부품명 KMM5324100CK
상세설명  4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5324100CK 데이터시트(HTML) 11 Page - Samsung semiconductor

Back Button KMM5324100CK Datasheet HTML 7Page - Samsung semiconductor KMM5324100CK Datasheet HTML 8Page - Samsung semiconductor KMM5324100CK Datasheet HTML 9Page - Samsung semiconductor KMM5324100CK Datasheet HTML 10Page - Samsung semiconductor KMM5324100CK Datasheet HTML 11Page - Samsung semiconductor KMM5324100CK Datasheet HTML 12Page - Samsung semiconductor KMM5324100CK Datasheet HTML 13Page - Samsung semiconductor KMM5324100CK Datasheet HTML 14Page - Samsung semiconductor KMM5324100CK Datasheet HTML 15Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DRAM MODULE
KMM5324100CK/CKG
KMM5324000CK/CKG
tWRH
tOFF
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
VOH -
VOL -
DQ
HIDDEN REFRESH CYCLE ( READ )
COLUMN
ADDRESS
ROW
ADDRESS
tRAS
tRC
tCHR
tRCD
tRAD
tASR
tRAH
tASC
tCAH
tCRP
tRCS
tAA
tCAC
tCLZ
tRAC
OPEN
tRRH
Don
′t care
tRSH
tWRP
Undefined
tRC
DATA-OUT
tRP
tRP
tRAS


유사한 부품 번호 - KMM5324100CK

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM5324104CK SAMSUNG-KMM5324104CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324104CKG SAMSUNG-KMM5324104CKG Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
More results

유사한 설명 - KMM5324100CK

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004BSW SAMSUNG-KMM5324004BSW Datasheet
401Kb / 19P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5364005CK SAMSUNG-KMM5364005CK Datasheet
277Kb / 15P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com