전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100ELT24DR2 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC100ELT24DR2
상세설명  5V TTL to Differential ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT24DR2 데이터시트(HTML) 3 Page - ON Semiconductor

  MC100ELT24DR2 Datasheet HTML 1Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 2Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 3Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 4Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 5Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 6Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 7Page - ON Semiconductor MC100ELT24DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10ELT24, MC100ELT24
http://onsemi.com
3
Table 4. 10ELT SERIES NECL OUTPUT DC CHARACTERISTICS VCC = 5.0 V; VEE = −5.0 V; GND = 0 V (Note 2)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ICC
VCC Power Supply Current
7.0
4.5
7.0
7.0
mA
IEE
Power Supply Current
18
12.5
18
18
mA
VOH
Output HIGH Voltage (Note 3)
−1080
−990
−890
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 3)
−1950
−1800
−1650
−1950
−1790
−1630
−1950
−1773
−1595
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
2. Output parameters vary 1:1 with GND. VCC can vary 4.5 V / 5.5 V. VEE can vary −4.2 V / −5.5 V.
3. Outputs are terminated through a 50
W resistor to GND − 2 V.
Table 5. 100ELT SERIES NECL OUTPUT DC CHARACTERISTICS VCC = 5.0 V; VEE = −5.0 V; GND = 0 V (Note 4)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ICC
VCC Power Supply Current
7.0
4.5
7.0
7.0
mA
IEE
Power Supply Current
18
12.5
18
18
mA
VOH
Output HIGH Voltage (Note 5)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 5)
−1830
−1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
4. Output parameters vary 1:1 with GND. VCC can vary 4.5 V / 5.5 V. VEE can vary −4.2 V / −5.5 V.
5. Outputs are terminated through a 50
W resistor to GND − 2 V.


유사한 부품 번호 - MC100ELT24DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100ELT24DR2 ONSEMI-MC100ELT24DR2 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC100ELT24DR2G ONSEMI-MC100ELT24DR2G Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC100ELT24DR2G ONSEMI-MC100ELT24DR2G Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
More results

유사한 설명 - MC100ELT24DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com