전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM5364005CKG 데이터시트(PDF) 7 Page - Samsung semiconductor

부품명 KMM5364005CKG
상세설명  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364005CKG 데이터시트(HTML) 7 Page - Samsung semiconductor

Back Button KMM5364005CKG Datasheet HTML 3Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 4Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 5Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 6Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 7Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 8Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 9Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 10Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DRAM MODULE
KMM5364105CK/CKG
KMM5364005CK/CKG
tWCS
NOTE : DOUT = OPEN
WRITE CYCLE ( EARLY WRITE )
RAS
VIH -
VIL -
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDRESS
tRAS
tRC
tCRP
tRP
tCSH
tRSH
tRCD
tCAS
tRAL
tRAD
tASR
tRAH
tASC
tCAH
tCRP
Don
′t care
Undefined
tWCH
tWP
CAS
tRWL
tCWL
tDS
tDH
DATA-IN
DQ


유사한 부품 번호 - KMM5364005CKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSWG SAMSUNG-KMM5364005CSWG Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
More results

유사한 설명 - KMM5364005CKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5368003BSW SAMSUNG-KMM5368003BSW Datasheet
365Kb / 18P
   8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com