전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM5364005CKG 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KMM5364005CKG
상세설명  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364005CKG 데이터시트(HTML) 3 Page - Samsung semiconductor

  KMM5364005CKG Datasheet HTML 1Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 2Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 3Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 4Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 5Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 6Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 7Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 8Page - Samsung semiconductor KMM5364005CKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DRAM MODULE
KMM5364105CK/CKG
KMM5364005CK/CKG
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one EDO mode cycle,
tHPC.
* NOTE :
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
Voltage on VCC supply relative to VSS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
Pd
IOS
-1 to +7.0
-1 to +7.0
-55 to +150
9
50
V
V
°C
W
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C)
*1 : VCC+2.0V/20ns, Pulse width is measured at VCC.
*2 : -2.0V/20ns, Pulse width is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
4.5
0
2.4
-1.0
*2
5.0
0
-
-
5.5
0
VCC+1*1
0.8
V
V
V
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1
ICC2
ICC3
ICC4
ICC5
ICC6
II(L)
IO(L)
VOH
VOL
Symbol
Speed
KMM5364005CK/CKG
KMM5364105CK/CKG
Unit
Min
Max
Min
Max
ICC1
-5
-6
-
-
810
720
-
-
990
900
mA
mA
ICC2
Don't care
-
18
-
18
mA
ICC3
-5
-6
-
-
810
720
-
-
990
900
mA
mA
ICC4
-5
-6
-
-
720
630
-
-
810
720
mA
mA
ICC5
Don't care
-
9
-
9
mA
ICC6
-5
-6
-
-
810
720
-
-
990
900
mA
mA
II(L)
IO(L)
Don't care
-45
-5
45
5
-45
-5
45
5
uA
uA
VOH
VOL
Don't care
2.4
-
-
0.4
2.4
-
-
0.4
V
V
: Operating Current * (RAS, CAS, Address cycling @
tRC=min)
: Standby Current (RAS=CAS=W=VIH)
: RAS Only Refresh Current * (CAS=VIH, RAS cycling @
tRC=min)
: EDO Mode Current * (RAS=VIL, CAS Address cycling :
tHPC=min)
: Standby Current (RAS=CAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * (RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.5V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (IOH = -5mA)
: Output Low Voltage Level (IOL = 4.2mA)


유사한 부품 번호 - KMM5364005CKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSWG SAMSUNG-KMM5364005CSWG Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
More results

유사한 설명 - KMM5364005CKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5368003BSW SAMSUNG-KMM5368003BSW Datasheet
365Kb / 18P
   8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com