전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMM53216004BKG 데이터시트(PDF) 11 Page - Samsung semiconductor

부품명 KMM53216004BKG
상세설명  16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53216004BKG 데이터시트(HTML) 11 Page - Samsung semiconductor

Back Button KMM53216004BKG Datasheet HTML 7Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 8Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 9Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 10Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 11Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 12Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 13Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 14Page - Samsung semiconductor KMM53216004BKG Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DRAM MODULE
KMM53216004BK/BKG
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR.
tRASP
tRP
tRCD
tASR
tCRP
Don
′t care
HYPER PAGE WRITE CYCLE ( EARLY WRITE )
Undefined
VIH -
VIL -
DQ
tRHCP
tRAD
tRAH
tCAH
tCAH
tASC
tCAH
tASC
VALID
DATA-IN
tDS
¡ó
COLUMN
ADDRESS
COLUMN
ADDRESS
tCAS
tCP
tCAS
tCP
tCAS
tRSH
¡ó
tCSH
tASC
¡ó
¡ó
tWP
tWCS
tWCH
tWP
tWCS
tWCH
tWP
tWCS
tWCH
¡ó
¡ó
¡ó
VALID
DATA-IN
VALID
DATA-IN
¡ó
¡ó
tDH
tDS
tDH
tDS
tDH
tCWL
tCWL
tCWL
tRWL
NOTE : DOUT = OPEN
tHPC
tHPC


유사한 부품 번호 - KMM53216004BKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004CKG SAMSUNG-KMM53216004CKG Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

유사한 설명 - KMM53216004BKG

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000BK SAMSUNG-KMM53216000BK Datasheet
364Kb / 18P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com