전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP32 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC10EP32
상세설명  첨2 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32 데이터시트(HTML) 4 Page - ON Semiconductor

  MC10EP32 Datasheet HTML 1Page - ON Semiconductor MC10EP32 Datasheet HTML 2Page - ON Semiconductor MC10EP32 Datasheet HTML 3Page - ON Semiconductor MC10EP32 Datasheet HTML 4Page - ON Semiconductor MC10EP32 Datasheet HTML 5Page - ON Semiconductor MC10EP32 Datasheet HTML 6Page - ON Semiconductor MC10EP32 Datasheet HTML 7Page - ON Semiconductor MC10EP32 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EP32
http://onsemi.com
4
DC CHARACTERISTICS, PECL (VCC = 5.0V ± 0.5V, VEE = 0V) (Note 12.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 9.)
23
30
37
23
30
37
23
30
37
mA
VOH
Output HIGH Voltage
(Note 10.)
3865
3940
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage
(Note 10.)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage
Single Ended
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage
Single Ended
3065
3390
3130
3455
3190
3515
mV
VBB
Output Voltage Reference
3490
3590
3690
3555
3655
3755
3615
3715
3815
mV
VIHCMR Input HIGH Voltage Common Mode
Range (Note 11.)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
CLK
CLK
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
9. VCC = 5.0V, VEE = 0V, all other pins floating.
10. All loading with 50 ohms to VCC–2.0 volts.
11. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
12. Input and output parameters vary 1:1 with VCC.
AC CHARACTERISTICS (VCC = 0V; VEE = –3.0V to –5.5V) or (VCC = 3.0V to 5.5V; VEE = 0V)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
(Note 13.)
2.5
3.0
2.5
3.0
2.5
3.0
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
CLK–>Q, Q
RESET–>Q, Q
100
100
220
220
300
300
100
100
250
250
350
350
180
180
290
290
400
400
ps
tRR
Set/Reset Recovery
200
175
200
175
200
175
ps
tSKEW
Duty Cycle Skew (Note 14.)
5.0
5.0
20
5.0
20
ps
tPW
Minimum Pulse Width
RESET
550
475
550
475
550
475
ps
tJITTER
Cycle–to–Cycle Jitter
TBD
TBD
TBD
ps
VPP
Input Voltage Swing (Diff.)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% – 80%)
50
100
150
70
120
170
70
130
200
ps
13. Fmax guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
14. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.


유사한 부품 번호 - MC10EP32

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EP32 ONSEMI-MC10EP32 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32 ONSEMI-MC10EP32 Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
MC10EP32D ONSEMI-MC10EP32D Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EP32D ONSEMI-MC10EP32D Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results

유사한 설명 - MC10EP32

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC100LVEL32 ONSEMI-MC100LVEL32 Datasheet
58Kb / 4P
   첨2 Divider
April, 2000 ??Rev. 1
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com