전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP57DT 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC10EP57DT
상세설명  4:1 Differential Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP57DT 데이터시트(HTML) 1 Page - ON Semiconductor

  MC10EP57DT Datasheet HTML 1Page - ON Semiconductor MC10EP57DT Datasheet HTML 2Page - ON Semiconductor MC10EP57DT Datasheet HTML 3Page - ON Semiconductor MC10EP57DT Datasheet HTML 4Page - ON Semiconductor MC10EP57DT Datasheet HTML 5Page - ON Semiconductor MC10EP57DT Datasheet HTML 6Page - ON Semiconductor MC10EP57DT Datasheet HTML 7Page - ON Semiconductor MC10EP57DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 2
1
Publication Order Number:
MC10EP57/D
MC10EP57
4:1 Differential Multiplexer
The MC10EP57 is a fully differential 4:1 multiplexer. By leaving
the SEL1 line open (pulled LOW via the input pulldown resistors) the
device can also be used as a differential 2:1 multiplexer with SEL0
input selecting between D0 and D1. The fully differential architecture
of the EP57 makes it ideal for use in low skew applications such as
clock distribution.
The SEL1 is the most significant select line. The binary number
applied to the select inputs will select the same numbered data input
(i.e., 00 selects D0).
Multiple VBB outputs are provided for single-ended or AC coupled
interfaces. In these scenarios, the VBB output should be connected to
the data bar inputs and bypassed via a 0.01
µF capacitor to ground.
Note that the VBB output can source/sink up to 0.5mA of current
without upsetting the voltage level. All VCC and VEE pins must be
externally connected to power supply to guarantee proper operation
350ps Typical Propagation Delays
Typical Frequency 3.0GHz
20–Lead TSSOP Package
PECL mode: 3.0V to 5.5V VCC with VEE = 0V
ECL mode: 0V VCC with VEE = –3.0V to –5.5V
Internal Input Resistors: Pulldown on D, D
Q Output will default LOW with inputs open or at VEE
ESD Protection: >2KV HBM, >100V MM
VBB Outputs
New Differential Input Common Mode Range
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack.
For Additional Information, See Application Note AND8003/D
Useful as Either 4:1 or 2:1 Multiplexer
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 584 devices
Figure 1. 20–Lead TSSOP (Top View) and Logic Diagram
D1
D1
D2
D0
17
18
16
15
14
13
12
4
3
5678
9
SEL0
11
10
VCC
Q
VCC VBB1 VBB2 VEE
D0
19
20
2
1
VCC SEL1
D2
VCC
D3
VEE
D3
4:1
Q
TSSOP–20
DT SUFFIX
CASE 948E
PIN DESCRIPTION
PIN
D0–3, D0–3
SEL0, 1
ECL Mux Select Inputs
FUNCTION
ECL Diff. Data Inputs
http://onsemi.com
VBB1, VBB2
Q, Q
ECL Data Outputs
ECL Reference Output Voltage
DATA OUT
D0, D0
D1, D1
D2, D2
D3, D3
SEL1
L
L
H
H
SEL0
L
H
L
H
FUNCTION TABLE
Device
Package
Shipping
ORDERING INFORMATION
MC10EP57DT
TSSOP
75 Units/Rail
MC10EP57DTR2
TSSOP
2500 Tape & Reel
MARKING DIAGRAM
VCC
VEE
Negative, 0 Supply
Positive Supply
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
MC10
EP57
ALYW
20
1


유사한 부품 번호 - MC10EP57DT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP57DTG ONSEMI-MC10EP57DTG Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP57DTG ONSEMI-MC10EP57DTG Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EP57DTR2 ONSEMI-MC10EP57DTR2 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
More results

유사한 설명 - MC10EP57DT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com