전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2002 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN2002
상세설명  1A High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2002 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2002 Datasheet HTML 2Page - Fairchild Semiconductor FAN2002 Datasheet HTML 3Page - Fairchild Semiconductor FAN2002 Datasheet HTML 4Page - Fairchild Semiconductor FAN2002 Datasheet HTML 5Page - Fairchild Semiconductor FAN2002 Datasheet HTML 6Page - Fairchild Semiconductor FAN2002 Datasheet HTML 7Page - Fairchild Semiconductor FAN2002 Datasheet HTML 8Page - Fairchild Semiconductor FAN2002 Datasheet HTML 9Page - Fairchild Semiconductor FAN2002 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Typical Performance Characteristics (Contd.)
TA = 25°C, CIN = 10µF, COUT = 20µF, L = 3.3µH, R2 = 10KΩ, unless otherwise noted.
PWM Mode
Power Save Mode
Time (1
µs/div)
Time (5
µs/div)
Time (10
µs/div)
Load Transient Response
600mA
100mA
Load Transient Response
Time (10
µs/div)
600mA
100mA
VOUT = 1.2V
Start-Up Response
Time (100
µs/div)
Start-Up Response
Time (200
µs/div)
VOUT = 1.2V
VOUT = 1.2V
IOUT = 10mA
VOUT = 1.2V
IOUT = 1000mA


유사한 부품 번호 - FAN2002

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2002MPX ONSEMI-FAN2002MPX Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

유사한 설명 - FAN2002

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com