전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1603Q 데이터시트(PDF) 1 Page - Isahaya Electronics Corporation

부품명 2SA1603Q
상세설명  FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISAHAYA [Isahaya Electronics Corporation]
홈페이지  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SA1603Q 데이터시트(HTML) 1 Page - Isahaya Electronics Corporation

  2SA1603Q Datasheet HTML 1Page - Isahaya Electronics Corporation 2SA1603Q Datasheet HTML 2Page - Isahaya Electronics Corporation 2SA1603Q Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
 2SA1603 is a super mini package resin sealed
silicon PNP epitaxial transistor,
It is designed for low frequency voltage application.
 .
FEATURE
●Small collector to emitter saturation voltage.
VCE(sat)=-0.3V max
●Excellent linearity of DC forward gain.
●Super mini package for easy mounting
APPLICATION
For Hybrid IC,small type machine low frequency voltage
Amplify application.
※) It shows hFE classification in below table.
〈SMALL-SIGNAL TRANSISTOR〉
2SA1603
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON PNP EPITAXIAL TYPE(Super mini type)
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
VCBO
Collector to Base voltage
-50
V
VCEO
Collector to Emitter voltage
-50
V
VEBO
Emitter to Base voltage
-6
V
I O
Collector current
-100
mA
Pc
Collector dissipation
150
mW
Tj
Junction temperature
+125
Tstg
Storage temperature
-55∼+125
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
C to E break down voltage
V(BR)CEO
I C=-100μA ,R BE=∞
-50
-
-
 V
Collector cut off current
ICBO
V CB=-50V, I E=0mA
-
-
-0.5
μA
Emitter cut off current
IEBO
V EB=-4V, I C=0mA
-
-
-0.5
μA
DC forward current gain
hFE
V CE=-6V, I C=-1mA             ※
 120
-
820
DC forward current gain
hFE
V CE=-6V, I C=-0.1mA
 70
-
-
C to E Saturation Vlotage
VCE(sat)
I C=-30mA ,IB=-1.5mA
-
-
-0.3
V
Gain bandwidth product
fT
V CE=-6V, I E=10mA
-
200
-
MHz
Collector output capacitance
Cob
V CB=-6V, I E=0,f=1MHz
-
2.5
-
pF
JEITA:SC-70
TERMINAL CONNECTER
①:BASE
②:EMITTER
③:COLLECTOR
0.425
1.25
0.425
2.1
ISAHAYA  ELECTRONICS CORPORATION
Item
 T
hFE Item
120270
180390
270560
390820


유사한 부품 번호 - 2SA1603Q

제조업체부품명데이터시트상세설명
logo
Isahaya Electronics Cor...
2SA1603A ISAHAYA-2SA1603A Datasheet
133Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
More results

유사한 설명 - 2SA1603Q

제조업체부품명데이터시트상세설명
logo
Isahaya Electronics Cor...
INA5002AC1 ISAHAYA-INA5002AC1 Datasheet
397Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
List of Unclassifed Man...
2SA1530A ETC-2SA1530A Datasheet
92Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
INA6005AP1 ISAHAYA-INA6005AP1 Datasheet
118Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AP1 ISAHAYA-INA6006AP1 Datasheet
169Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AS1 ISAHAYA-INA6006AS1 Datasheet
166Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA5001AP1 ISAHAYA-INA5001AP1 Datasheet
158Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1530AC1 ISAHAYA-ISA1530AC1_13 Datasheet
172Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1989AU1 ISAHAYA-ISA1989AU1_10 Datasheet
85Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6001AP1 ISAHAYA-INA6001AP1 Datasheet
117Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2026 ISAHAYA-2SA2026_10 Datasheet
94Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com