전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8152 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8152
상세설명  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8152 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices AD8152 Datasheet HTML 10Page - Analog Devices AD8152 Datasheet HTML 11Page - Analog Devices AD8152 Datasheet HTML 12Page - Analog Devices AD8152 Datasheet HTML 13Page - Analog Devices AD8152 Datasheet HTML 14Page - Analog Devices AD8152 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. A
AD8152
–11–
PROPAGATION DELAY – ps
600
0
160
140
120
100
80
60
40
20
BIN WIDTH = 5ps
625
650
675
700
725
750
TPC 19. Variation in Propagation Delay
740
780
760
800
660
720
700
680
640
620
600
TEMPERATURE – C
40
30
20
10
050
60
70
80
90
TPC 20. Propagation Delay vs. Temperature
SUPPLY VOLTAGE – V
725
700
675
650
625
600
750
2.8
2.6
2.4
2.2
2.0
3.0
3.2
3.4
3.6
3.8
TPC 21. Propagation Delay vs. Supply
IOUT CODE
MEASURED
IDEAL
0123
45678
9
0
2
4
6
8
10 11 12 13 14 15 16
10
12
14
16
18
20
22
24
26
28
32
30
34
TPC 22. IOUT vs. IOUT Code


유사한 부품 번호 - AD8152

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results

유사한 설명 - AD8152

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21131 MA-COM-M21131 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8151 AD-AD8151 Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com