전자부품 데이터시트 검색엔진 |
|
TC6502P065VCT 데이터시트(PDF) 9 Page - Microchip Technology |
|
TC6502P065VCT 데이터시트(HTML) 9 Page - Microchip Technology |
9 / 17 page 2004 Microchip Technology Inc. DS21451D-page 9 TC6501/2/3/4 6.0 PACKAGING INFORMATION 6.1 Package Marking Diagram Part Number Marking Code Temperature Threshold (°C) TC6501P045VCT HA 45 TC6501P065VCT HC 65 TC6501P075VCT HD 75 TC6501P095VCT HF 95 TC6501P105VCT HG 105 TC6501P115VCT HH 115 TC6501P120VCT HV 120 TC6501P125VCT HJ 125 TC6502P045VCT JA 45 TC6502P065VCT JC 65 TC6502P075VCT JD 75 TC6502P095VCT JF 95 TC6502P115VCT JH 115 TC6502P125VCT JJ 125 TC6503N015VCT KA -15 TC6503P005VCT KB 5 TC6504N015VCT LA -15 TC6504P005VCT LB 5 Legend: 1-2 Part Number Marking Code* 3 Year and two-month period code 4 Lot ID Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. *Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. 2 4 5 3 1 Note: Please contact Microchip Technology for the availability of a particular temperature threshold not included in Table 4-1. |
유사한 부품 번호 - TC6502P065VCT |
|
유사한 설명 - TC6502P065VCT |