전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC05-24D12W 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FDC05-24D12W
상세설명  5 WATTS OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FDC05-24D12W 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FDC05-24D12W Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC05-24D12W Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(7)
Eff
(8)
(%)
Capacitor
Load max
(9)
FDC05-12S33
9 – 18 VDC
3.3 VDC
1000mA
387mA
75
3700uF
FDC05-12S05
9 – 18 VDC
5 VDC
1000mA
556mA
79
1700uF
FDC05-12S12
9 – 18 VDC
12 VDC
470mA
610mA
81
290uF
FDC05-12S15
9 – 18 VDC
15 VDC
400mA
658mA
80
188uF
FDC05-12D05
9 – 18 VDC
± 5 VDC
± 500mA
595mA
74
± 850uF
FDC05-12D12
9 – 18 VDC
± 12 VDC
± 230mA
597mA
81
± 140uF
FDC05-12D15
9 – 18 VDC
± 15 VDC
± 190mA
609mA
82
± 47uF
FDC05-24S33 (W)
18 – 36 (9 – 36) VDC
3.3 VDC
1000mA
199 (196mA)
73 (74)
3700uF
FDC05-24S05 (W)
18 – 36 (9 – 36) VDC
5 VDC
1000mA
282 (274mA)
78 (80)
1700uF
FDC05-24S12 (W)
18 – 36 (9 – 36) VDC
12 VDC
470mA
305 (301mA)
81 (82)
290uF
FDC05-24S15 (W)
18 – 36 (9 – 36) VDC
15 VDC
400mA
325 (325mA)
81 (81)
188uF
FDC05-24D05 (W)
18 – 36 (9 – 36) VDC
± 5 VDC
± 500mA
289 (289mA)
76 (76)
± 850uF
FDC05-24D12 (W)
18 – 36 (9 – 36) VDC
± 12 VDC
± 230mA
295 (295mA)
82 (82)
± 140uF
FDC05-24D15 (W)
18 – 36 (9 – 36) VDC
± 15 VDC
± 190mA
308 (301mA)
81 (83)
± 47uF
FDC05-48S33 (W)
36 – 75 (18 – 75) VDC
3.3 VDC
1000mA
100 (100mA)
73 (73)
3700uF
FDC05-48S05 (W)
36 – 75 (18 – 75) VDC
5 VDC
1000mA
145 (149mA)
76 (74)
1700uF
FDC05-48S12 (W)
36 – 75 (18 – 75) VDC
12 VDC
470mA
151 (151mA)
82 (82)
290uF
FDC05-48S15 (W)
36 – 75 (18 – 75) VDC
15 VDC
400mA
160 (163mA)
82 (81)
188uF
FDC05-48D05 (W)
36 – 75 (18 – 75) VDC
± 5 VDC
± 500mA
149 (149mA)
74 (74)
± 850uF
FDC05-48D12 (W)
36 – 75 (18 – 75) VDC
± 12 VDC
± 230mA
149 (149mA)
81 (81)
± 140uF
FDC05-48D15 (W)
36 – 75 (18 – 75) VDC
± 15 VDC
± 190mA
154 (154mA)
81 (81)
± 47uF
PIN CONNECTION
PIN
SINGLE
DUAL OUTPUT
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL (Option)
CTRL (Option)
1. All dimensions in Inches (mm)
2. Pin Pitch tolerance
I0.014(0.35)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
1.00(25.4)
0.10(2.5)
0.20(5.1)
0.22(5.6)
0.40
(10.2)
1
2
34
5
6
Bottom
View
Note
1.
The FDC05 (W) series required a minimum 10% loading on the output to maintain specified
regulation. Operation under no-load condition will not damage these devices, however they may not
meet all listed specification
2.
Simulated source impedance of 12uH. 12uH inductor on series with + Vin.
3.
The ON/OFF control is option function. There are positive logic and negative logic. The pin voltage is
referenced to negative input
To order positive logic ON-OFF control add the suffix-P (Ex: FDC05-24S05-P)
To order negative logic ON-OFF control add the suffix-N (Ex: FDC05-24S05-N)
4.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC.
(Ground fixed and controlled environment)
5.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than
standard and M2 version.
6.
Heat sink is optional and P/N: 7G-0020A.
7.
Maximum value at nominal input voltage and full load of standard type.
8.
Typical value at nominal input voltage and full load.
9.
Test by minimum Vin and constant resistor load.
0.4
0.6
0.8
1.0
0.05
0.2
45
65
OUTPUT LOAD (A)
FDC05-48S05
Efficiency VS Output load
82
81
80
79
78
77
76
75
70
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC05-48S05 Derating Curve
Nature convection
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC05-48S05-M1 Derating Curve
Nature convection
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC05-48S05 Derating Curve
With HEAT-SINK (Note5)
Nature convection


유사한 부품 번호 - FDC05-24D12W

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
FDC05-24D12 ASTRODYNE-FDC05-24D12 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC05-24D12 P-DUKE-FDC05-24D12 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
FDC05-24D12 P-DUKE-FDC05-24D12 Datasheet
393Kb / 2P
   5 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC05-24D12 ASTRODYNE-FDC05-24D12 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

유사한 설명 - FDC05-24D12W

제조업체부품명데이터시트상세설명
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FDC05-12S33 P-DUKE-FDC05-12S33 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Power Mate Technology C...
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com