전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM732V589A 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KM732V589A
상세설명  32Kx32 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM732V589A 데이터시트(HTML) 3 Page - Samsung semiconductor

  KM732V589A Datasheet HTML 1Page - Samsung semiconductor KM732V589A Datasheet HTML 2Page - Samsung semiconductor KM732V589A Datasheet HTML 3Page - Samsung semiconductor KM732V589A Datasheet HTML 4Page - Samsung semiconductor KM732V589A Datasheet HTML 5Page - Samsung semiconductor KM732V589A Datasheet HTML 6Page - Samsung semiconductor KM732V589A Datasheet HTML 7Page - Samsung semiconductor KM732V589A Datasheet HTML 8Page - Samsung semiconductor KM732V589A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PRELIMINARY
Rev 1.0
KM732V589A/L
32Kx32 Synchronous SRAM
- 3 -
May 1997
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin
(T)QFP
(20mm x 14mm)
N.C.
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
N.C.
VDD
N.C.
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
N.C.
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
N.C.
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
N.C.
VDD
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
N.C.
PIN NAME
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A14
ADV
ADSP
ADSC
CLK
CS1
CS2
CS2
WEx
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
32,33,34,35,36,37,
44,45,46,47,48,81,
82,99,100
83
84
85
89
98
97
92
93,94,95,96
86
88
87
64
31
VDD
VSS
N.C.
DQa0~a7
DQb0~b7
DQc0~c7
DQd0~d7
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
Output Ground
15,41,65,91
17,40,67,90
1,14,16,30,38,39,42,43,
49,50,51,66,80
52,53,56,57,58,59,62,63
68,69,72,73,74,75,78,79
2,3,6,7,8,9,12,13
18,19,22,23,24,25,28,29
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76


유사한 부품 번호 - KM732V589A

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM732V595A SAMSUNG-KM732V595A Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596A SAMSUNG-KM732V596A Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
KM732V599A SAMSUNG-KM732V599A Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
More results

유사한 설명 - KM732V589A

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V599L SAMSUNG-KM732V599L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Samsung semiconductor
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
KM732V689A SAMSUNG-KM732V689A Datasheet
493Kb / 15P
   64Kx32 Synchronous SRAM
KM736V689 SAMSUNG-KM736V689 Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com