전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBE11ED8AGFA 데이터시트(PDF) 1 Page - Elpida Memory

부품명 EBE11ED8AGFA
상세설명  1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11ED8AGFA 데이터시트(HTML) 1 Page - Elpida Memory

  EBE11ED8AGFA Datasheet HTML 1Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 2Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 3Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 4Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 5Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 6Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 7Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 8Page - Elpida Memory EBE11ED8AGFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Document No. E0784E20 (Ver. 2.0)
Date Published October 2005 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2005
DATA SHEET
1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGFA (128M words
× 72 bits, 2 Ranks)
Description
The EBE11ED8AGFA is 128M words
× 72 bits, 2 ranks
DDR2 SDRAM unbuffered module, mounting 18 pieces
of 512M bits DDR2 SDRAM sealed in FBGA (
µBGA)
package. Read and write operations are performed at
the cross points of the CK and the /CK.
This high-
speed data transfer is realized by the 4 bits prefetch-
pipelined architecture. Data strobe (DQS and /DQS)
both for read and write are available for high speed and
reliable data bus design.
By setting extended mode
register, the on-chip Delay Locked Loop (DLL) can be
set enable or disable.
This module provides high
density
mounting
without
utilizing
surface
mount
technology.
Decoupling capacitors are mounted
beside each FBGA (
µBGA) on the module board.
Note: Do not push the components or drop the
modules in order to avoid mechanical defects,
which may result in electrical defects.
Features
• 240-pin socket type dual in line memory module
(DIMM)
 PCB height: 30.0mm
 Lead pitch: 1.0mm
 Lead-free (RoHS compliant)
• Power supply: VDD = 1.8V ± 0.1V
• Data rate: 667Mbps/533Mbps/400Mbps (max.)
• SSTL_18 compatible I/O
• Double-data-rate architecture: two data transfers per
clock cycle
• Bi-directional, differential data strobe (DQS and
/DQS) is transmitted/received with data, to be used in
capturing data at the receiver
• DQS is edge aligned with data for READs: center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge: data
and data mask referenced to both edges of DQS
• Four internal banks for concurrent operation
(components)
• Data mask (DM) for write data
• Burst lengths: 4, 8
• /CAS Latency (CL): 3, 4, 5
• Auto precharge operation for each burst access
• Auto refresh and self refresh modes
• Average refresh period
 7.8µs at 0°C ≤ TC ≤ +85°C
 3.9µs at +85°C < TC ≤ +95°C
• Posted CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• /DQS can be disabled for single-ended Data Strobe
operation


유사한 부품 번호 - EBE11ED8AGFA

제조업체부품명데이터시트상세설명
logo
Elpida Memory
EBE11ED8AGWA ELPIDA-EBE11ED8AGWA Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGWA-5C-E ELPIDA-EBE11ED8AGWA-5C-E Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGWA-6E-E ELPIDA-EBE11ED8AGWA-6E-E Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
More results

유사한 설명 - EBE11ED8AGFA

제조업체부품명데이터시트상세설명
logo
Elpida Memory
EBE11ED8AEFA ELPIDA-EBE11ED8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8AEFA-6 ELPIDA-EBE11ED8AEFA-6 Datasheet
198Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11ED8ABFA ELPIDA-EBE11ED8ABFA Datasheet
175Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 72 bits, 2 Ranks)
EBE11UD8AEFA ELPIDA-EBE11UD8AEFA Datasheet
192Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8ABFA ELPIDA-EBE11UD8ABFA Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AEFA-6 ELPIDA-EBE11UD8AEFA-6 Datasheet
197Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGFA ELPIDA-EBE11UD8AGFA Datasheet
207Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBE11UD8AESA ELPIDA-EBE11UD8AESA Datasheet
214Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8AGSA ELPIDA-EBE11UD8AGSA Datasheet
212Kb / 22P
   1GB DDR2 SDRAM SO-DIMM (128M words x 64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com