전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC245D 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ALVC245D
상세설명  Octal bus transceiver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC245D 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC245D Datasheet HTML 2Page - NXP Semiconductors 74ALVC245D Datasheet HTML 3Page - NXP Semiconductors 74ALVC245D Datasheet HTML 4Page - NXP Semiconductors 74ALVC245D Datasheet HTML 5Page - NXP Semiconductors 74ALVC245D Datasheet HTML 6Page - NXP Semiconductors 74ALVC245D Datasheet HTML 7Page - NXP Semiconductors 74ALVC245D Datasheet HTML 8Page - NXP Semiconductors 74ALVC245D Datasheet HTML 9Page - NXP Semiconductors 74ALVC245D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2003 Jul 10
6
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74ALVC245
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. For transceivers, the parameters IOZ includes the input leakage current.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input
voltage
1.65 to 1.95
0.65
× V
CC
−−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2
−−
V
VIL
LOW-level input
voltage
1.65 to 1.95
−−
0.35
× V
CC
V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
1.65 to 3.6
−−
0.2
V
IO = 6 mA
1.65
−−
0.3
V
IO =12mA
2.3
−−
0.4
V
IO =18mA
2.3
−−
0.6
V
IO =12mA
2.7
−−
0.4
V
IO =18mA
3.0
−−
0.4
V
IO =24mA
3.0
−−
0.55
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
1.65 to 3.6
VCC − 0.2
−−
V
IO = −6 mA
1.65
1.25
−−
V
IO = −12 mA
2.3
1.8
−−
V
IO = −18 mA
2.3
1.7
−−
V
IO = −12 mA
2.7
2.2
−−
V
IO = −18 mA
3.0
2.4
−−
V
IO = −24 mA
3.0
2.2
−−
V
ILI
input leakage
current
VI = 3.6 V or GND
3.6
−±0.1
±5
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO = 3.6 V or GND; note 2
3.6
0.1
±10
µA
Ioff
power OFF leakage
current
VI or VO = 3.6 V
0.0
−±0.1
±10
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0
3.6
0.2
10
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 0.6 V; IO = 0
3.0 to 3.6
5
750
µA


유사한 부품 번호 - 74ALVC245D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC245D NXP-74ALVC245D Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74ALVC245D NEXPERIA-74ALVC245D Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results

유사한 설명 - 74ALVC245D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com