4 / 64 page
Si3038
4
Rev. 2.01
Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature3
TA
K-Grade
0
25
70
°C
Si3024 Supply Voltage, Analog
VA
4.75
5.0
5.25
V
Si3024 Supply Voltage, Digital4
VD
VA = 5 V
4.75
5.0
5.25
V
Si3024 Supply Voltage, Digital4
VD
VA = Charge Pump
3.0
3.3
3.6
V
Notes:
1. The Si3038 specifications are guaranteed when the typical application circuit (including component tolerances) of
Figure 19 on page 16 and any Si3024 and Si3014 are used.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25°C unless otherwise stated.
3. The temperature specifications are guaranteed when using the typical application circuit on a 4 sq. in. minimum FR4
PCB. For other materials and smaller form factors, heat dissipation factors may apply. Contact Silicon Laboratories for
more details.
4. The digital supply, VD, can operate from either 3.3 V or 5.0 V. The Si3024 supports interface to 3.3 V logic when
operating from 3.3 V. 3.3 V operation applies to both the AC’97 Digital Interface and the digital signals RESET, ID0, and
ID1.