전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3021-KT 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 SI3021-KT
상세설명  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SI3021-KT 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  SI3021-KT Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3021-KT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Si3038
Rev. 2.01
5
Figure 1. Test Circuit for Loop Characteristics
Table 2. Loop Characteristics
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 0 to 70°C, See Figure 1)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL = 20 mA, ACT=1
DCT=11 (CTR21)
——
7.5
V
DC Termination Voltage
VTR
IL = 42 mA, ACT=1
DCT=11 (CTR21)
14.5
V
DC Termination Voltage
VTR
IL = 50 mA, ACT=1
DCT=11 (CTR21)
——
40
V
DC Termination Voltage
VTR
IL = 60 mA, ACT=1
DCT=11 (CTR21)
40
V
DC Termination Voltage
VTR
IL = 20 mA, ACT=0
DCT=01 (Japan)
——
6.0
V
DC Termination Voltage
VTR
IL = 100 mA, ACT=0
DCT=01 (Japan)
11
V
DC Termination Voltage
VTR
IL = 20 mA, ACT=0
DCT=10 (FCC)
——
7.5
V
DC Termination Voltage
VTR
IL = 100 mA, ACT=0
DCT=10 (FCC)
12
V
On Hook Leakage Current
ILK
VTR = -48V
1
µA
Operating Loop Current
ILP
FCC/JATE Mode
13
120
mA
Operating Loop Current
ILP
CTR21 Mode
13
60
mA
DC Ring Current
w/o Caller ID
20
µA
DC Ring Current
with Caller ID
450
µA
Ring Detect Voltage1
VRD
RT = 0
11
22
VRMS
Ring Detect Voltage1
VRD
RT = 1
17
33
VRMS
Ring Frequency
FR
15
68
Hz
Ringer Equivalence Number2
REN
w/o Caller ID
0.2
Ringer Equivalence Number2
REN
with Caller ID
0.8
Notes:
1. The ring signal is guaranteed not to be detected below the minimum and is guaranteed to be detected above the
maximum.
2. C15, R14, Z2, and Z3 not installed. See "Ringer Impedance" on page 25.
Note: The remainder of the circuit is identical to the one shown in Figure 19 on page 16.
TIP
RING
+
Si3014
V
TR
I
L
10 µ F
600


유사한 부품 번호 - SI3021-KT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3021-KT ETC-SI3021-KT Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

유사한 설명 - SI3021-KT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com