전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBT3257C 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBT3257C
상세설명  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3257C 데이터시트(HTML) 2 Page - Texas Instruments

  SN74CBT3257C Datasheet HTML 1Page - Texas Instruments SN74CBT3257C Datasheet HTML 2Page - Texas Instruments SN74CBT3257C Datasheet HTML 3Page - Texas Instruments SN74CBT3257C Datasheet HTML 4Page - Texas Instruments SN74CBT3257C Datasheet HTML 5Page - Texas Instruments SN74CBT3257C Datasheet HTML 6Page - Texas Instruments SN74CBT3257C Datasheet HTML 7Page - Texas Instruments SN74CBT3257C Datasheet HTML 8Page - Texas Instruments SN74CBT3257C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN74CBT3257C
4BIT 1OF2 FET MULTIPLEXER/DEMULTIPLEXER
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS137 − OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The SN74CBT3257C is a high-speed TTL-compatible FET multiplexer/demultiplexer with low ON-state
resistance (ron), allowing for minimal propagation delay. Active Undershoot-Protection Circuitry on the A and
B ports of the SN74CBT3257C provides protection for undershoot up to −2 V by sensing an undershoot event
and ensuring that the switch remains in the proper OFF state.
The SN74CBT3257C is a 4-bit 1-of-2 multiplexer/demultiplexer with a single output-enable (OE) input. The
select (S) input controls the data path of the multiplexer/demultiplexer. When OE is low, the
multiplexer/demultiplexer is enabled and the A port is connected to the B port, allowing bidirectional data flow
between ports. When OE is high, the multiplexer/demultiplexer is disabled and a high-impedance state exists
between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
INPUTS
INPUT/OUTPUT
FUNCTION
OE
S1
INPUT/OUTPUT
A
FUNCTION
L
L
B1
A port = B1 port
L
HB2
A port = B2 port
H
X
Z
Disconnect


유사한 부품 번호 - SN74CBT3257C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CDBQR TI-SN74CBT3257CDBQR Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results

유사한 설명 - SN74CBT3257C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C Datasheet
235Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C_08 Datasheet
357Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI1-SN74CBT3253C_15 Datasheet
906Kb / 22P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C_07 Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI-SN74CBT3253C Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com