전자부품 데이터시트 검색엔진 |
|
HLMP-C515 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-C515 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 6 page T-13/4 Super Ultra-Bright LED Lamps Technical Data HLMP-C116 HLMP-C124 HLMP-C115 HLMP-C123 HLMP-C215 HLMP-C223 HLMP-C315 HLMP-C323 HLMP-C415 HLMP-C423 HLMP-C515 HLMP-C523 HLMP-C615 HLMP-C623 Features • Very High Intensity • Exceptional Uniformity • Microtint Lens for Color Identification • Consistent Viewability All Colors: AlGaAs Red High Efficiency Red Yellow Orange Green Emerald Green • 15 ° and 25° Family • Tape and Reel Options Available • Binned for Color and Intensity Applications • Ideal for Backlighting Front Panels* • Used for Lighting Switches • Adapted for Indoor and Outdoor Signs Description These non-diffused lamps are designed to produce a bright light source and smooth radiation pat- tern. A slight tint is added to the lens for easy color identification. This lamp has been designed with a 20 mil lead frame, enhanced Device Selection Guide Typical Luminous Intensity Viewing Angle LED Color Part Number (mcd @ 20 mA) Family[1] TS AlGaAs HLMP-C116 2000 15 ° HLMP-C124 1000 25 ° DH AS AlGaAs HLMP-C115 600 15 ° HLMP-C123 200 25 ° High Efficiency Red HLMP-C215 300 15 ° HLMP-C223 170 25 ° Yellow HLMP-C315 300 15 ° HLMP-C323 170 25 ° Orange HLMP-C415 300 15 ° HLMP-C423 170 25 ° High Performance Green HLMP-C515 300 15 ° HLMP-C523 170 25 ° Emerald Green HLMP-C615 45 15 ° HLMP-C623 27 25 ° Note: 1. Refer to page 3 for typical values. flange, and tight meniscus controls, making it compatible with radial lead automated insertion equipment. |
유사한 부품 번호 - HLMP-C515 |
|
유사한 설명 - HLMP-C515 |