전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-7831-HA-AZ 데이터시트(PDF) 2 Page - California Eastern Labs

부품명 MC-7831-HA-AZ
상세설명  NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7831-HA-AZ 데이터시트(HTML) 2 Page - California Eastern Labs

  MC-7831-HA-AZ Datasheet HTML 1Page - California Eastern Labs MC-7831-HA-AZ Datasheet HTML 2Page - California Eastern Labs MC-7831-HA-AZ Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC-7831-HA
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these prod
ucts can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do
so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
ABSOLUTE
MAXIMUM RATINGS1 (TCASE= 30 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDD
Supply Voltage
V
30
VI
Input Voltage2
dBmV
65
TC
Operating Case Temperature
°C
-30 to +100
TSTG
Storage Temperature
°C
-40 to +100
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Maximum single channel power applied to the input for 1 minute
with no measurable degradation in performance.
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDD
Supply Voltage
V
MC-7831-HA
23.5 24.0 24.5
Vi
Input Voltage1
dBmV
MC-7831-HA
– 21.0 27.5
TC
Operating Case
°C
Temperature
MC-7831-HA
-30 +25 +85
RECOMMENDED
OPERATING CONDITIONS (Zs = ZL = 75Ω)
Note:
1. Test Conditions: 110 Channels, Flat
PART NUMBER
PACKAGE
QUANTITY
MC-7831-HA-AZ 7-pin special with heatsink 50pcs max/ Tray
ORDERING INFORMATION
1. The space between PC board and root of the lead should be kept
more than 1 mm to prevent undesired stress on the lead and also
should be kept less than 4 mm to prevent undesired parasitic
inductance.
Recommended space is 2.0 to 3.0 mm typical.
2. Recommended torque strength of the screw is 59 to 78 Ncm.
3. Form the ground pattern as wide as possible to minimize ground
impedance. (to prevent undesired oscillation)
All the ground pins must be connected together with wide ground
pattern to decrease impedance difference.
NOTES ON CORRECT USE
This product should be soldered in the following recommended
conditions. Other soldering methods and conditions than the recom-
mended conditions are to be consulted with our sales representa-
tives.
RECOMMENDED SOLDERING CONDITIONS
Soldering
Soldering
Condition
Method
Conditions
Symbol
Pin Part Heating Pin area temperature: less
than 260°C1
Hour: Within 2 sec./pin
Note.
1. The point of pin part heating must be kept at a distance of more
than 1.2 mm from the root of lead.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
10/03/2005
IDD
Operating Current
mA
180
240
RF OFF
CTB
Composite Triple Beat
dBc
-57
f = 40 to 870 MHz; 110 Channels,
VOUT = 44 dBmV, Flat
XMod
Cross Modulation
dBc
-50
CSO
Composite Second Order
dBc
-57
ELECTRICAL CHARACTERISTICS (TA= 30±5 °C, VDD = 24 V, ZS = ZL = 75 Ω)


유사한 부품 번호 - MC-7831-HA-AZ

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
MC-7831-HA-AZ CEL-MC-7831-HA-AZ Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
More results

유사한 설명 - MC-7831-HA-AZ

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831-HA_2015 JMNIC-MC-7831-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7852 CEL-MC-7852 Datasheet
24Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7852 NEC-MC-7852 Datasheet
22Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7852G CEL-MC-7852G Datasheet
25Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2764 ANADIGICS-ACA2764 Datasheet
519Kb / 3P
   1 GHz, 21 dB Gain CATV Push-Pull Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com