전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H642 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 MC10H642
상세설명  68030/040 PECL-TTL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H642 데이터시트(HTML) 7 Page - ON Semiconductor

  MC10H642 Datasheet HTML 1Page - ON Semiconductor MC10H642 Datasheet HTML 2Page - ON Semiconductor MC10H642 Datasheet HTML 3Page - ON Semiconductor MC10H642 Datasheet HTML 4Page - ON Semiconductor MC10H642 Datasheet HTML 5Page - ON Semiconductor MC10H642 Datasheet HTML 6Page - ON Semiconductor MC10H642 Datasheet HTML 7Page - ON Semiconductor MC10H642 Datasheet HTML 8Page - ON Semiconductor MC10H642 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC10H642 MC100H642
2–7
MOTOROLA
MECL Data
DL122 — Rev 6
USE OSCILLOSCOPE
INTERNAL 50
Ω LOAD
FOR TERMINATION.
50
Ω COAX
VEE
VCC & VCCO
IN
OUT
OSCILLOSCOPE
CH A
CH B
USE 0.1
µF CAPACITORS
FOR DECOUPLING.
50%/1.5 V
Vin
Tpd++
Tpd––
50%/1.5 V
Vout
Vout
Trise
Tfall
80%/2.0 V
20%/0.8 V
DEVICE
UNDER
TEST
GENERATOR
PULSE
SWITCHING CIRCUIT AND WAVEFORMS
Switching Circuit PECL:
PECL
DEVICE
UNDER
TEST
50 pF
R2
500
R1
500
ALL
OTHERS
+7 V
OPEN
tPZL, tPLZ
OC
TTL
Propagation Delay — Single Ended
PECL/TTL
WAVEFORMS: Rise and Fall Times
PECL/TTL
450


유사한 부품 번호 - MC10H642

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H642 ONSEMI-MC10H642 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FN ONSEMI-MC10H642FN Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FNG ONSEMI-MC10H642FNG Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FNR2 ONSEMI-MC10H642FNR2 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FNR2G ONSEMI-MC10H642FNR2G Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results

유사한 설명 - MC10H642

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com