전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10SX1130 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC10SX1130
상세설명  LED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130 데이터시트(HTML) 6 Page - ON Semiconductor

  MC10SX1130 Datasheet HTML 1Page - ON Semiconductor MC10SX1130 Datasheet HTML 2Page - ON Semiconductor MC10SX1130 Datasheet HTML 3Page - ON Semiconductor MC10SX1130 Datasheet HTML 4Page - ON Semiconductor MC10SX1130 Datasheet HTML 5Page - ON Semiconductor MC10SX1130 Datasheet HTML 6Page - ON Semiconductor MC10SX1130 Datasheet HTML 7Page - ON Semiconductor MC10SX1130 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MOTOROLA
High Performance Frequency
Control Products — BR1334
Normalized Tracking at 25
°C
RTCO
Tracking %/
°C
Short
+0.20
1 K
+0.52
2 K
+0.89
To match the LED chosen, a 1K
Ω resistor can be used.
Now that this is known, the value of the voltage at the VSET
can be substituted into Equation 1 to determine the value of
RSET resistor which, for this example is 10
Ω.
The Stretch circuit can be used to compensate for the
turn-on/turn-off delay of the LED. The circuit has been
designed for ease of use so the pin is designed to be
strapped to one of the two power plane levels to select the
pre-distortion value. If no pre-distortion is desired, the pin can
be left open. In this +5V example, the maximum amount of
pre-distortion is desired, so the STRETCH pin is connected
to ground.
In addition a resistor must be placed between IOUT and
VCC. In selecting this resistor, just as in the case of the
RSET, the resistor type should be chosen to dissipate the
worst case power and derated for the worst case
temperature. As a rule of thumb, the voltage drop across the
resistor should match the forward voltage across the diode.
The voltage can be larger to minimize the power dissipated
on chip when the LED is not ’ON’. Although, the voltage drop
across this resistor should not be greater than 2V. For this
example:
R @ IOUT = VF/IMOD
IMOD(max) +
VSET@85 C
RSET
+ 855mV
10
W
+ 86mA
°
R @ IOUT = 1.5V/86mA = 17Ω
Because of the positive tracking circuitry in the LED driver,
the modulation current will increase over temperature. It is
important to now go back and re-calculate the numbers
under the worst case environmental conditions to ensure that
operating conditions have not been exceeded.
Thermal Management
LED devices tend to require large amounts of current for
most efficent operation. This requirement is then translated
into the design of the LED Driver. When large modulation
currents are required, power dissipation becomes a critical
issue and the user must be concerned about the junction
temperature of the device. The following equation can be
used to estimate the junction temperature of a device in a
given environment:
TJ = TA + PD * ΘJA
(Equation 3)
TJ
Junction Temperature
TA
Ambient Temperature
PD
Power Dissipation
ΘJA Average Thermal Resistance
(Junction-Ambient)
A specially designed thermally enhanced leadframe has
been used to house the LED Driver. Below is a graph of the
average
ΘJA plotted against air flow.
Figure 2. Typical
ΘJA versus Airflow
70
80
90
100
110
0
100
200
300
400
500
AIRFLOW (LFPM)
The power dissipation of the device has two components;
the quiescent power drain related to the pre-drive circuitry,
and the power dissipated in the current switch when driving
the LED.
Pd = Pstatic + Pswitching
(Equation 4)
The power dissipated in the current switch is a function of
the IMOD current, the LED forward voltage, and the value of
RSET. For example in a +5V application, the following
equations can be used:
Pstatic = VCC * ICC
(Equation 5)
Pswitching = (VCC-VF-VSET)* IMOD
(Equation 6)
Now to calculate the dissipated power on the chip for a
nominal application.
VCC
= 5V
VF
= 1.5V
VSET = 0.7V
IMOD = 60mA
ICC
= 18mA
so:
Pd = 5 * 18 + (5 - 1.5 - 0.7) * 60
Pd = 258mW
This number can be entered into Equation 3 along with the
environmental information to calculate the nominal operating
junction temperature.
Because of the open loop feedback control in the bias
control circuitry, the revised IMOD value must be determined
given the tracking rate chosen so that the power dissipation
can be re-calculated. For assessing product reliability, worst
case values should be entered to calculate the maximum
junction temperature.
Reliability of Plastic Packages
Although today’s plastic packages are as reliable as
ceramic packages under most environmental conditions, as
the junction temperature increases a failure mode unique to
plastic packages becomes a significant factor in the long
term reliability of the device.


유사한 부품 번호 - MC10SX1130

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2 ONSEMI-MC10SX1130DR2 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2G ONSEMI-MC10SX1130DR2G Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results

유사한 설명 - MC10SX1130

제조업체부품명데이터시트상세설명
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com