전자부품 데이터시트 검색엔진 |
|
TS3L100PWR 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
TS3L100PWR 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 21 page TS3L100 QUAD SPDT WIDEBANDWIDTH LAN SWITCH WITH LOW ONSTATE RESISTANCE SCDS161A − MAY 2004 – REVISED OCTOBER 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC = 3.3 V + 0.3 V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK E, S VCC = 3 V, IIN = −18 mA −1.8 V Vhys E, S 150 mV IIH E, S VCC = 3.6 V, VIN = VCC ±1 µA IIL E, S VCC = 3.6 V, VIN = GND ±1 µA IOZ‡ VCC = 3.6 V, VO = 0 to 3.6 V, VI = 0, Switch OFF ±1 µA IOS§ VCC = 3.6 V, VO = 0 to 0.5 VCC, VI = 0, Switch ON 50 mA Ioff VCC = 0, VO = 0 to 3.6 V, VI = 0 15 µA ICC VCC = 3.6 V, II/O = 0, Switch ON or OFF 0.1 10 µA ∆ICC E, S VCC = 3.6 V, One input at VCC − 0.6 V, Other inputs at VCC or GND 750 µA ICCD VCC = 3.6 V, I and Y ports open, VIN input switching 50% duty cycle 0.45 mA/ MHz CIN E, S f = 1 MHz 3 pF COFF I port VI = 0, f = 1 MHz, Outputs open, Switch OFF 5 pF COFF Y port VI = 0, f = 1 MHz, Outputs open, Switch OFF 10 pF CON VI = 0, f = 1 MHz, Outputs open, Switch ON 17 pF ron VCC = 3 V VI = 0 V, IO = 48 mA 5 7 Ω ron VCC = 3 V VI = 2 V, IO = 15 mA 10 15 Ω ∆ron VI = 3 V, Switch ON, IO = 15 mA 1 Ω VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs. † All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. ‡ For I/O ports, the parameter IOZ includes the input leakage current. § The IOS test is applicable to only one ON channel at a time. The duration of this test is less than one second. switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V + 0.3 V, RL = 100 Ω, CL = 35 pF (unless otherwise noted) (see Figure 4) PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX UNIT tON S Y 1 7.5 ns tOFF S Y 1 3.5 ns † All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. dynamic characteristics over recommended operating free-air temperature range, VCC = 3.3 V + 0.3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TYP† UNIT XTALK(Diff) RL = 100 Ω, f = 10 MHz, see Figure 8, tr = tf = 2 ns −55 dB XTALK RL = 100 Ω, f = 30 MHz, see Figure 6 −68 dB OIRR RL = 100 Ω, f = 30 MHz, see Figure 7 −42 dB BW RL = 100 Ω, see Figure 5 350 MHz † All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. |
유사한 부품 번호 - TS3L100PWR |
|
유사한 설명 - TS3L100PWR |