전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G32DCKRE4 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G32DCKRE4
상세설명  LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G32DCKRE4 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AUP1G32DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G32DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74AUP1G32
LOW POWER SINGLE 2INPUT POSITIVEOR GATE
SCES580C – JUNE 2004 – REVISED JUNE 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −40°C TO 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −20 µA
0.8 V to 3.6 V
VCC − 0.1
VCC − 0.1
IOH = −1.1 mA
1.1 V
0.75
× VCC
0.7
× VCC
IOH = −1.7 mA
1.4 V
1.11
1.03
VOH
IOH = −1.9 mA
1.65 V
1.32
1.3
V
VOH
IOH = −2.3 mA
2.3 V
2.05
1.97
V
IOH = −3.1 mA
2.3 V
1.9
1.85
IOH = −2.7 mA
3 V
2.72
2.67
IOH = −4 mA
3 V
2.6
2.55
IOL = 20 µA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3
× VCC
0.3
× VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
VOL
IOL = 1.9 mA
1.65 V
0.31
0.35
V
VOL
IOL = 2.3 mA
2.3 V
0.31
0.33
V
IOL = 3.1 mA
2.3 V
0.44
0.45
IOL = 2.7 mA
3 V
0.31
0.33
IOL = 4 mA
3 V
0.44
0.45
II
A or B input
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
µA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
µA
∆Ioff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
µA
ICC
VI = GND or
(VCC to 3.6 V)
IO = 0
0.8 V to 3.6 V
0.5
0.9
µA
∆ICC
VI = VCC − 0.6 V†
IO = 0
3.3 V
40
50
µA
Ci
VI = VCC or GND
0 V
1.5
pF
Ci
VI = VCC or GND
3.6 V
1.5
pF
Co
VO = GND
0 V
3
pF
One input at VCC − 0.6 V, other input at VCC or GND
switching characteristics over recommended operating free-air temperature range, CL = 5 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
18
1.2 V
± 0.1 V
2.6
7.3
13.5
2.1
16.8
tpd
A or B
Y
1.5 V
± 0.1 V
1.4
5.2
9.1
0.9
11
ns
tpd
A or B
Y
1.8 V
± 0.15 V
1
4.2
7
0.5
8.8
ns
2.5 V
± 0.2 V
1
3
4.7
0.5
6
3.3 V
± 0.3 V
1
2.4
3.7
0.5
4.6


유사한 부품 번호 - SN74AUP1G32DCKRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G32DCKRE4 TI-SN74AUP1G32DCKRE4 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DCKRE4 TI1-SN74AUP1G32DCKRE4 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Single 2-Input Positive-OR Gate
More results

유사한 설명 - SN74AUP1G32DCKRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI1-SN74AUP1G32_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Single 2-Input Positive-OR Gate
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com